Electronic Components Datasheet Search
  English  ▼

X  

SM1124 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM1124
Description  Multimelody IC for Pagers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1124 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM1124 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SM1124 Series
NIPPON PRECISION CIRCUITS—3
Recommended Operating Conditions
VSS = 0 V unless otherwise specified
DC Characteristics
Ta = −20 to 70 °C, VSS = 0 V, VDD = 2.4 to 3.6 V unless otherwise specified
AC Characteristics
Ta = −20 to 70 °C, VSS = 0 V, VDD = 2.4 to 3.6 V unless otherwise specified
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltage
VDD
2.4
–
3.6
V
Operating temperature
Topr
−20
–
70
°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltage
VDD
2.4
3.0
3.6
V
Current consumption (1)
IDD1
Non-playback mode, 25
°C
–
–
0.5
µA
Current consumption (2)
IDD2
Playback mode, MTO pin
open
–
25
200
µA
Input voltage
VIH
ST, SI, SC and CLK pins
VDD − 0.2
–
VDD
V
VIL
VSS
–VSS + 0.2
V
Hysteresis width
VT
0.2
1.0
–
V
Input current
IIH1
ST, SI, SC and CLK pins,
VIH = VDD, 25°C
–
–
0.5
µA
IIL1
ST, SI, SC and CLK pins,
VIL = 0 V, 25°C
–
–
0.5
µA
IIH2
TEST pin, VIH = VDD
–
–
200
µA
Open voltage
VOPN
TEST pin
–
–
0.1
V
Output voltage
VOH
MTO pin, IOH = 1 mA
VDD − 0.4
–
VDD
V
VOL
MTO pin, IOL = 1 mA
VSS
–VSS + 0.4
V
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
CLK pulse cycle
tCLK
“CLK input clock” timing
5.0
–
–
µs
CLK HIGH-level pulsewidth
tCWH
2.0
–
–
µs
CLK LOW-level pulsewidth
tCWL
2.0
–
–
µs
SC pulsewidth
tSC
“SC input clock” timing
5.0
–
–
µs
SC HIGH-level pulsewidth
tSWH
2.0
–
–
µs
SC LOW-level pulsewidth
tSWL
2.0
–
–
µs
SI-SC setup time
tDS
“Serial input” timing
2.0
–
–
µs
SI-SC hold time
tDH
2.0
–
–
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com