Electronic Components Datasheet Search
  English  ▼

X  

SM1124 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM1124
Description  Multimelody IC for Pagers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1124 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM1124 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SM1124 Series
NIPPON PRECISION CIRCUITS—4
CLK input clock
SC input clock
Serial input
FUNCTIONAL DESCRIPTION
Control Functions
External reference clock
The SM1124 can operate at 12 selectable external
reference clock frequencies. Of these, 8 are
selectable for each tune. When multiple external
clock frequencies are input to a single IC, the clock
must be switched during playback mode. Note that
when the frequency in parentheses is selected, all
tunes can only be played using that single fixed
frequency.
• 32.768 kHz system: 32.768 kHz, 65.536 kHz,
(131.072 kHz)
• 37.5 kHz system: 37.5 kHz, 75.0 kHz,
(150.0 kHz)
• 38.4 kHz system: 38.4 kHz, 76.8 kHz,
(153.6 kHz)
• 48.0 kHz system: 48.0 kHz, 96.0 kHz,
(192.0 kHz)
VIH
VIL
CWH
t
CWL
t
CLK
t
0.5VDD
CLK
VIH
VIL
SWH
t
SWL
t
SC
t
0.5VDD
SC
VIH
VIL
0.5VDD
SC
VIH
VIL
0.5VDD
SI
DS
t
DH
t
The external reference clock input is used at any time
as well as during playback mode. If a clock signal is
input when not in playback mode (when ST is
LOW), the gate circuit switches to cutoff the external
reference clock signal from entering the device,
preventing unwanted current flow.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com