Electronic Components Datasheet Search
  English  ▼

X  

SM1124 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM1124
Description  Multimelody IC for Pagers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1124 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM1124 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SM1124 Series
NIPPON PRECISION CIRCUITS—10
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, Fukuzumi 2-chome
Koto-ku, Tokyo 135-8430, Japan
Telephone: 03-3642-6661
Facsimile: 03-3642-6698
NC9503AE
1996.01
NIPPON PRECISION CIRCUITS INC.
TYPICAL APPLICATION
Speaker drive with switching circuit
For example
Q1: hfe 100 MIN
SP: Impedance 16
Ω MIN
R1: 1.2k
Ω
R2, R3: to be decided by sound volume
Speaker drive with Linear amplifier
For example
VR1: 10k
Ω MIN
(As the output impedance of MTO terminal
is up to 1k
Ω MAX, the value above is given
under the condition that output shall be over
90% of supply voltage amplitude. If it is set
below 10k
Ω, output amplitude becomes
smaller.)
C1: to be decided by Input impedance of
amplifier.
C2, SP: to be decided by Output impedance
of amplifier.
CPU
VDD
CLK
SI
SC
ST
VDD
VSS
MTO
TEST
VSS
SM1124
DC-DC
Converter
R1
R2
R3
Q1
1.5V
2.4 to 3.6V
SW1
SP
CPU
VDD
CLK
SI
SC
ST
VDD
VSS
MTO
TEST
VSS
SM1124
DC-DC
Converter
VR1
1.5V
2.4 to 3.6V
IN OUT
VCC
GND
SP
C2
C1
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com