Electronic Components Datasheet Search
  English  ▼

X  

SM1124 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM1124
Description  Multimelody IC for Pagers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1124 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM1124 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1124 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SM1124 Series
NIPPON PRECISION CIRCUITS—9
Tempo
There are 29 tempos that can be selected for each
tune. The tempo varies with the external reference
frequency.
Tempo table
Quarter note ( ) length = 1536
× tempo counter frequency divider ÷ CLK frequency
(Ex) Tempo code = 1F (divider = 32), CLK frequency = 32.768 kHz
1536
× 32 ÷ 32768 = 1.5 (seconds)
R O M
32.768 kHz system
37.5 kHz system
38.4 kHz system
48 kHz system
Code
Frequenc y
divider
Temp
=
Temp
=
Temp
=
Temp
=
03
4
Prestissimo
320.0
Prestissimo
366.2
Prestissimo
375.0
Prestissimo
468.8
04
5
256.0
293.0
300.0
375.0
05
6
213.3
244.1
250.0
312.5
06
7
Presto
182.9
209.3
214.3
267.9
07
8
Allegro
160.0
Presto
183.1
Presto
187.5
234.4
08
9
142.2
Allegro
162.8
Allegro
166.7
208.3
09
10
128.0
146.5
150.0
Presto
187.5
0A
11
Moderato
116.4
133.2
136.4
170.5
0B
12
106.7
122.1
125.0
Allegro
156.3
0C
13
Andante
98.5
Moderato
112.7
Moderato
115.4
144.2
0D
14
91.4
Andante
104.6
107.1
133.9
0E
15
85.3
97.7
Andante
100.0
125.0
0F
16
80.0
91.6
93.8
Moderato
117.2
10
17
Adagio
75.3
86.2
88.2
110.3
11
18
71.1
81.4
83.3
Andante
104.2
12
19
67.4
77.1
78.9
98.7
13
20
Larghetto
64.0
Adagio
73.2
Adagio
75.0
93.8
14
21
61.0
69.8
71.4
89.3
15
22
Largo
58.2
66.6
68.2
85.2
16
23
55.7
Larghetto
63.7
Larghetto
65.2
81.5
17
24
53.3
61.0
62.5
78.1
18
25
51.2
Largo
58.6
60.0
Adagio
75.0
19
26
49.2
56.3
Largo
57.7
72.1
1A
27
47.4
54.3
55.6
69.4
1B
28
45.7
52.3
53.6
67.0
1C
29
44.1
50.5
51.7
Larghetto
64.7
1D
30
42.7
48.8
50.0
62.5
1E
31
41.3
47.3
48.4
60.5
1F
32
40.0
45.8
46.9
Largo
58.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com