| Electronic Components Datasheet Search |
|
SM1126 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM1126 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc |
|
7 / 18 page ![]() SM1126 Series NIPPON PRECISION CIRCUITS—7 Serial inputs Serial data is input on SIO in sync with the SC clock in 8-bit units when ST is LOW. Data is not accepted when ST is HIGH. When ST goes HIGH, the 8-bit data is latched. Note that if the input data exceeds 8 bits in length, the most recent 8 bits are used and any preceding bits are ignored. Data is in MSB first format. Input data is interpreted as a command or as a data word (in write mode), depending on the current operating mode of the device. There are 3 types of commands: s Playback start command s SRAM write command s End-of-write command The SRAM write command is used to invoke write mode operation, and end-of-write command is used to return to play mode operation. In write mode, however, data is interpreted as data words to be written to SRAM. Note that pin SIO is an output pin only when the parity check command is executed. At all other times, SIO is an input pin. Playback control The ST pin controls the start of playback. While ST is HIGH, the melody is played repeatedly, and when ST goes LOW, playback stops. Melodies are selected by input serial data on pins SIO and SC, as shown in table 2. The melody select command comprises a fixed code (1000) followed by 4 melody select data bits (B3 to B0). The 8 bits of data are retained even after playback. If serial data is input during playback, the data is ignored and playback continues. Pin SC should be LOW when either a LOW-to-HIGH or HIGH-to-LOW transition occurs on pin ST. Figure 4. Serial input timing Pin SC should be LOW when either a LOW-to-HIGH or HIGH-to-LOW transition occurs on pin ST. Figure 5. Serial data input timing SIO SC ST Invalid Data Invalid Data ? ? B3 B2 B1 B0 B7 B6 B5 B4 ? ? ? ? ? ? ? ? ? ? Valid Data SIO SC ST MTO Invalid Data Invalid Data ? ? B3 B2 B1 B0 HL LL ? ? ? ? ? ? ? ? ? ? Valid Data |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |