Electronic Components Datasheet Search
  English  ▼

X  

SM1126 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM1126
Description  Melody IC with Built-in SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1126 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM1126 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SM1126 Series
NIPPON PRECISION CIRCUITS—13
Parity check command
Data words (tempo word, melody words, end word) can have an optional parity bit added, forming 9-bit data
words, for a parity check function. The parity check command is executed in play mode, immediately after the
end-of-write command is executed.
The parity bit is added at the beginning of the data word. Note that the last 8 bits are always the valid data
bits. The parity check function performs an odd parity check (an odd number of 1s within the 9-bit data). If the
parity check command is not executed, play mode operation continues using the valid 8 bits of data in each
data word.
The parity check sequence is described below.
1. The internal G flag (Good flag) is set to 1 when the write command is executed.
2. When writing data words, the G flag remains set to 1 for odd parity, but is set to 0 if even parity is detected.
3. The G flag remains set to 1 only if all data words have odd parity.
4. Write the end-of-write command to return to play mode.
5. Write the parity check command.
6. When ST is HIGH, the SIO pin functions as the G flag output.
7. When ST goes LOW, the G flag output is released.
Figure 15. Parity check timing
SIO
SC
ST
MODE
SIO Condition
G Flag
WRITE mode
Input
PLAY mode
01
11
1
1
1
1
11
01
1
1
1
1
END-WRITE mode command
Parity Check Command
Input
Output
When G Flag = 1
When G Flag = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com