Electronic Components Datasheet Search
  English  ▼

X  

SM1126 Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM1126
Description  Melody IC with Built-in SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1126 Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM1126 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 18Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
SM1126 Series
NIPPON PRECISION CIRCUITS—16
Tempo
There are 29 tempos that can be selected for each melody. The tempo does not vary with the clock frequency.
Quarter note ( ) length = {1536 (32.768 kHz system) or 1800 (38.4 kHz system)}
× tempo counter frequency
divider ÷ clock frequency
(Ex. 1) Tempo code = 1F (divider = 32), clock frequency = 32.768 kHz (32.768 kHz system)
1536
× 32 ÷ 32768 = 1.5 (seconds)
(Ex. 2) Tempo code = 18 (divider = 25), CLK frequency = 153.6 kHz (38.4 kHz system)
1800
× 25 ÷ 38400 = 1.17 (seconds)
Table 5. Tempo range
Code
Frequenc y divider
Tempo
=
03
4
Prestissimo
320.0
04
5
256.0
05
6
213.3
06
7
Presto
182.9
07
8
Allegro
160.0
08
9
142.2
09
10
128.0
0A
11
Moderato
116.4
0B
12
106.7
0C
13
Andante
98.5
0D
14
91.4
0E
15
85.3
0F
16
80.0
10
17
Adagio
75.3
11
18
71.1
12
19
67.4
13
20
Larghetto
64.0
14
21
61.0
15
22
Largo
58.2
16
23
55.7
17
24
53.3
18
25
51.2
19
26
49.2
1A
27
47.4
1B
28
45.7
1C
29
44.1
1D
30
42.7
1E
31
41.3
1F
32
40.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com