Electronic Components Datasheet Search
  English  ▼

X  

SM1126 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM1126
Description  Melody IC with Built-in SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1126 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM1126 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SM1126 Series
NIPPON PRECISION CIRCUITS—12
Melody words
Melody words contain all the information needed for playback of a single note, including the note duration
and type (name or rest). Each melody word comprises a 3-bit length code (R2 to R0) followed by a 5-bit type
code (S4 to S0).
End word
The end word (01011111) indicates the end of the melody. When the end word is detected during melody
playback, operation returns to the SRAM leading address. All data in SRAM after the end word is ignored.
End-of-write command
The end-of-write command (10111111) is used to return to play mode from write mode. This command
should be executed when power is first applied to set play mode.
Figure 12. Melody word timing
Figure 13. End word timing
Figure 14. End-of-write command timing
SIO
SC
ST
ADDRESS
(n)th data
n
n-1
write (n-1)th Data
write (n)th data
n+1
(n-1)th data
SIO
SC
ST
01
ADDRESS
0
1
1
111
next word
m+1
m
write END-WORD
write next word
m+2
SIO
SC
ST
WRITE mode changed to PLAY mode
01
11
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com