Electronic Components Datasheet Search
  English  ▼

X  

SM5022 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5022
Description  Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5022 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5022 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SM5022 series
NIPPON PRECISION CIRCUITS—5
Electrical Characteristics
3 V operation: A
× series
VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
5 V operation: A
× series/ B× series
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
HIGH-level output voltage
V OH
Q: Measurement cct 1, V DD = 2.7 V, IOH = 4 m A
2.1
2.4
–
V
L O W -level output voltage
V OL
Q: Measurement cct 2, V DD = 2.7 V, IOL = 4 m A
–
0.3
0.4
V
Output leakage current
IZ
Q: Measurement cct 2, V DD = 3.6 V, INH = L OW , VOH = V DD
––
1 0
µA
Q: Measurement cct 2, V DD = 3.6 V, INH = L OW , VOL = V SS
––
1 0
HIGH-level input voltage
V IH
INH
2.0
–
–
V
L O W -level input voltage
V IL
INH
–
–
0.5
V
Current consumption
IDD
INH = open, Measurement cct 3, load cct 1, CL = 15 pF,
30 MHz cr ystal oscillator
–47
m A
INH pull-up resistance
R UP
Measurement cct 4
2 5
1 0 0
2 5 0
k
Ω
Feedback resistance
R f
Measurement cct 5
2 0 0
6 0 0
1000
k
Ω
Built-in capacitance
C G
Design value, determined by the
internal wafer pattern
SM5022A1H, CF5022A1
SM5022A3H, CF5022A3
SM5022A5H, CF5022A5
SM5022A7H, CF5022A7
7.44
8
8.56
p F
C D
9.3
1 0
10.7
p F
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
HIGH-level output voltage
V OH
Q: Measurement cct 1, V DD = 4.5 V, IOH = 8 m A
3.9
4.2
–
V
L O W -level output voltage
V OL
Q: Measurement cct 2, V DD = 4.5 V, IOL = 8 m A
–
0.3
0.4
V
Output leakage current
IZ
Q: Measurement cct 2, V DD = 5.5 V, INH = L OW , VOH = V DD
––
1 0
µA
Q: Measurement cct 2, V DD = 5.5 V, INH = L OW , VOL = V SS
––
1 0
HIGH-level input voltage
V IH
INH
2.0
–
–
V
L O W -level input voltage
V IL
INH
–
–
0.8
V
Current consumption
IDD
INH = open, Measurement cct 3,
load cct 1, CL = 15 pF,
30 MHz cr ystal oscillator
SM5022A
×H, CF5022A×
–7
1 2
mA
INH = open, Measurement cct 3,
load cct 2, CL = 15 pF,
30 MHz cr ystal oscillator
SM5022B
×H, CF5022B×
–7
1 2
INH pull-up resistance
R UP
Measurement cct 4
2 5
1 0 0
2 5 0
k
Ω
Feedback resistance
R f
Measurement cct 5
2 0 0
6 0 0
1000
k
Ω
Built-in capacitance
C G
Design value, determined by the
internal wafer pattern
SM5022A1H, CF5022A1
SM5022A3H, CF5022A3
SM5022A5H, CF5022A5
SM5022A7H, CF5022A7
SM5022B1H, CF5022B1
7.44
8
8.56
p F
C D
9.3
1 0
10.7
p F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com