Electronic Components Datasheet Search
  English  ▼

X  

SM5022 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5022
Description  Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5022 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5022 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SM5022 series
NIPPON PRECISION CIRCUITS—6
Switching Characteristics
CMOS (A
× series)
3 V operation
VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
5 V operation
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr1
Measurement cct 6, load cct 1,
C L = 15 pF
0.2VDD to 0.8VDD
–5
1 0
ns
0.1VDD to 0.9VDD
–1 0
2 0
Output fall time
tf1
Measurement cct 6, load cct 1,
C L = 15 pF
0.8VDD to 0.2VDD
–5
1 0
ns
0.9VDD to 0.1VDD
–1 0
2 0
Output duty cycle1
1. Deter mined by the lot monitor.
Duty
Measurement cct 6, load cct 1,
Ta = 25
°C, V
DD = 3 V, CL = 15 p F, f = 30MHz
4 5–5 5
%
Output disable delay time2
2. Oscillator stop function is built-in. When INH goes LOW , normal output stops. When INH goes HIGH, nor mal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 7, load cct 1, Ta = 25
°C, V
DD = 3 V, CL = 15 p F
–
–
100
ns
Output enable delay time2
tPZL
–
–
100
ns
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr2
Measurement cct 6, load cct 1, 0.1VDD to 0.9VDD , CL = 15 pF
–
3.5
7
ns
Output fall time
tf2
Measurement cct 6, load cct 1, 0.9VDD to 0.1VDD , CL = 15 pF
–
3.5
7
ns
Output duty cycle1
1. Deter mined by the lot monitor.
Duty
Measurement cct 6, load cct 1,
Ta = 25
°C, V
DD = 5 V, CL = 15 p F, f = 30 M H z
4 5–5 5
%
Output disable delay time2
2. Oscillator stop function is built-in. When INH goes LOW , normal output stops. When INH goes HIGH, nor mal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 7, load cct 1, Ta = 25
°C, V
DD = 5 V, CL = 15 p F
–
–
100
ns
Output enable delay time2
tPZL
–
–
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com