Electronic Components Datasheet Search
  English  ▼

X  

SM5022 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5022
Description  Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5022 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5022 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5022 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM5022 series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Crystal Oscillator Module ICs
OVERVIEW
The SM5022 series are crystal oscillator module ICs
fabricated in NPC’s Molybdenum-gate CMOS, that
incorporate high-frequency, low current consump-
tion oscillator and output buffer circuits. Highly
accurate thin-film feedback resistors and high-fre-
quency capacitors are built-in, eliminating the need
for external components to make a stable fundamen-
tal-harmonic oscillator.
FEATURES
s
Up to 30MHz operation
s
Fundamental oscillation
s
Capacitors CG, CD built-in
s
Inverter amplifier feedback resistor built-in
s
TTL input level
s
4 mA (VDD = 2.7 V) drive capability
8 mA (VDD = 4.5 V) drive capability
s
Output three-state function
s
2.7 to 5.5 V supply voltage (A
× series)
4.5 to 5.5 V supply voltage (B
× series)
s
Oscillator frequency output (fO, fO/2, fO/4, fO/8
determined by internal connection)
s
6-pin SOT (SM5022
××H)
s
Chip form (CF5022
××)
SERIES CONFIGURATION
ORDERING INFORMATION
V ersion1
1. Chip form d evices have designation CF5022
××.
Supply voltag e
Recommended
operating frequency
rang e (MHz)
Built-in
capacitance
(pF)
gm
ratio
Rf
(k
Ω)
Output
frequency
Output
level
Standby
output state
Chip
S O T
3 V
5 V
C G
C D
SM5022A1H
2.7 to 5.5
2.7 to 5.5
4 to 24
4 to 30
8
1 0
1
6 0 0
fo
CMOS
High
impedance
SM5022A2H
2.7 to 5.5
2.7 to 5.5
4 to 24
4 to 30
–
–
1
6 0 0
fo
CMOS
High
impedance
SM5022A3H
2.7 to 5.5
2.7 to 5.5
4 to 30
4 to 30
8
1 0
1
6 0 0
fo/2
CMOS
High
impedance
SM5022A4H
2.7 to 5.5
2.7 to 5.5
4 to 30
4 to 30
–
–
1
6 0 0
fo/2
CMOS
High
impedance
SM5022A5H
2.7 to 5.5
2.7 to 5.5
4 to 30
4 to 30
8
1 0
1
6 0 0
fo/4
CMOS
High
impedance
SM5022A7H
2.7 to 5.5
2.7 to 5.5
4 to 30
4 to 30
8
1 0
1
6 0 0
fo/8
CMOS
High
impedance
SM5022B1H
4.5 to 5.5
4.5 to 5.5
×
4 to 30
8
1 0
1
6 0 0
fo
T T L
High
impedance
D e vice
P a ck ag e
SM5022
××H
6-pin SOT
CF5022
××–2
Chip form


Similar Part No. - SM5022

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5022 NPC-SM5022 Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
SM5022A1AH NPC-SM5022A1AH Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
SM5022A2AH NPC-SM5022A2AH Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
SM5022A3AH NPC-SM5022A3AH Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
SM5022A4AH NPC-SM5022A4AH Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
More results

Similar Description - SM5022

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com