Electronic Components Datasheet Search
  English  ▼

X  

SM5839AP Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5839AP
Description  High-Speed Variable-Length Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5839AP Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5839AP Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SM5839A
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
DC Characteristics
Standard-voltage specification: VDD = 5.0 ± 0.5 V, VSS = 0 V, Ta = −20 to 70 °C
1. Ip = input pin with pull-up resistor, I = input pin, O = output pin. All outputs are 3-state pins.
21
DOUT4
O
Data output 4
22
DOUT3
O
Data output 3
23
DOUT2
O
Data output 2
24
DOUT1
O
Data output 1
25
DOUT0
O
Data output 0
26
OE
Ip
Output enable
27
ENRC
Ip
Circulating/non-circulating control
28
VDD
–
Supply voltage
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
VSS − 0.3 to VDD + 0.3
V
Storage temperature range
Tstg
−40 to 125
°C
Power dissipation
PD
330
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage range
VDD
Standard-voltage
specification
4.5
–
5.5
V
Low-voltage specification
2.7
–
4.5
V
Operating temperature
Topr
−20
–
70
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Standby current consumption
IST
––
50
µA
Operating current consumption
IDD
OE = 0 V, fCLK = 54 MHz
–
30
50
mA
Input voltage1
VIH
2.4
–
–
V
VIL
–
–
0.5
Output voltage2
VOH
IOH = −0.4 mA
2.5
–
–
V
VOL
IOL = 1.6 mA
–
–
0.4
Input current3
IIL
VIN = 0 V
–
100
200
µA
Number
Name
I/O1
Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com