Electronic Components Datasheet Search
  English  ▼

X  

SM5839AP Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5839AP
Description  High-Speed Variable-Length Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5839AP Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5839AP Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM5839A
NIPPON PRECISION CIRCUITS—5
Low-voltage specification: VDD = 2.7 to 4.5 V, VSS = 0 V, Ta = −20 to 70 °C
Output load circuit 1
Output load circuit 2
DOUT0 to DOUT7 output data hold
time
tOH
Output load circuit 1
4
–
–
ns
DOUT0 to DOUT7 output enable
delay time
tOEN0, tOEN1
Output load circuit 2
–
–
18
ns
DOUT0 to DOUT7 output disable
delay time
tODE0, tODE1
Output load circuit 2
–
–
18
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
CLK clock frequency
fCLK
–
–
20
MHz
CLK rise time
tCR
–
–
100
ns
CLK fall time
tCF
–
–
100
ns
CLK clock pulsewidth
tWH
10
–
–
ns
DIN0 to DIN7, ENRC input setup time
tS1
5––
ns
S0 to S6 input setup time
tS2
22
–
–
ns
DIN0 to DIN7, ENRC input hold time
tH1
2––
ns
S0 to S6 input hold time
tH2
0––
ns
DOUT0 to DOUT7 output data delay
time
tD
Output load circuit 1
–
–
35
ns
DOUT0 to DOUT7 output data hold
time
tOH
Output load circuit 1
7
–
–
ns
DOUT0 to DOUT7 output enable
delay time
tOEN0, tOEN1
Output load circuit 2
–
–
35
ns
DOUT0 to DOUT7 output disable
delay time
tODE0, tODE1
Output load circuit 2
–
–
35
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output pin
40pF
Output pin
40pF
500
Ω
0V (tODE1, tOEN1)
2.6V (tODE0, tOEN0) standard voltage type
1.6V (tODE0, tOEN0) Low voltage type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com