Electronic Components Datasheet Search
  English  ▼

X  

SM5839AP Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5839AP
Description  High-Speed Variable-Length Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5839AP Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  SM5839AP Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM5839A
NIPPON PRECISION CIRCUITS—6
TIMING DIAGRAM
CLK
DIN to DIN7
S0 to S6
OE
DOUT0 to DOUT7
1.5V
1.5V
1.5V
1.5V
1.5V
1.5V
tCR
tCF
90%
10%
Invalid
tWH
1/fCLK
tH1
tH1
tS1
tS1
tS1
tH1
tH2
tH2
tS2
tODE
∆V
∆V
Hi-Z
tOEN
∆V=0.1VDD
(tODE1)
(tODE0)
(tOEN1)
(tOEN0)
tD
tOH
ENRC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com