Electronic Components Datasheet Search
  English  ▼

X  

SM5839AP Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5839AP
Description  High-Speed Variable-Length Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5839AP Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5839AP Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5839AP Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM5839A
NIPPON PRECISION CIRCUITS—4
Low-voltage specification: VDD = 3.0 ± 0.3 V, VSS = 0 V, Ta = −20 to 70 °C
AC Characteristics
Standard-voltage specification: VDD = 5.0 ± 0.5 V, VSS = 0 V, Ta = −20 to 70 °C
1. All inputs (CLK, DIN0 to DIN7, S0 to S6, OE, ENRC)
2. All outputs (DOUT0 to DOUT7)
3. Inputs DIN0 to DIN7, S0 to S6, OE, ENRC
4. Input CLK only
1. All inputs (CLK, DIN0 to DIN7, S0 to S6, OE, ENRC)
2. All outputs (DOUT0 to DOUT7)
3. Inputs DIN0 to DIN7, S0 to S6, OE, ENRC
4. Input CLK only
Input leakage current4
ILL
VIN = 0 V
–
–
1
µA
Input leakage current1
ILH
VIN = VDD
––1
µA
Output high-impedance leakage
current2
IZH
VOUT = VDD
––5
µA
IZL
VOUT = 0 V
–
–
5
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Standby current consumption
IST
––
50
µA
Operating current consumption
IDD
OE = 0 V, fCLK = 20 MHz
–
10
20
mA
Input voltage1
VIH
2.0
–
–
V
VIL
–
–
0.5
Output voltage2
VOH
IOH = −0.4 mA
2.0
–
–
V
VOL
IOL = 1.6 mA
–
–
0.8
Input current3
IIL
VIN = 0 V
–
30
60
µA
Input leakage current4
ILL
VIN = 0 V
–
–
1
µA
Input leakage current1
ILH
VIN = VDD
––1
µA
Output high-impedance leakage
current2
IZH
VOUT = VDD
––5
µA
IZL
VOUT = 0 V
–
–
5
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
CLK clock frequency
fCLK
–
–
54
MHz
CLK rise time
tCR
–
–
100
ns
CLK fall time
tCF
–
–
100
ns
CLK clock pulsewidth
tWH
7––
ns
DIN0 to DIN7, ENRC input setup time
tS1
2––
ns
S0 to S6 input setup time
tS2
12
–
–
ns
DIN0 to DIN7, ENRC input hold time
tH1
2––
ns
S0 to S6 input hold time
tH2
0––
ns
DOUT0 to DOUT7 output data delay
time
tD
Output load circuit 1
–
–
18
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com