Electronic Components Datasheet Search
  English  ▼

X  

JUPITER Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # JUPITER
Description  CDMA and FM (AMPS) I/Q Filter Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

JUPITER Datasheet(HTML) 1 Page - Mitel Networks Corporation

  JUPITER Datasheet HTML 1Page - Mitel Networks Corporation JUPITER Datasheet HTML 2Page - Mitel Networks Corporation JUPITER Datasheet HTML 3Page - Mitel Networks Corporation JUPITER Datasheet HTML 4Page - Mitel Networks Corporation JUPITER Datasheet HTML 5Page - Mitel Networks Corporation JUPITER Datasheet HTML 6Page - Mitel Networks Corporation JUPITER Datasheet HTML 7Page - Mitel Networks Corporation JUPITER Datasheet HTML 8Page - Mitel Networks Corporation JUPITER Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The JUPITER circuit is designed for use in dual band and dual
mode mobile phones (CDMA/AMPS) and meets the requirements
for IS-95 when used with other chips from Mitel that form the
Planet chipset. JUPITER is an active filter incorporating circuits
for receiving both CDMA and FM (AMPS).
FEATURES
s Low Power and Low Voltage Operation with a
Sleep Mode
s Integrated CDMA and FM Filter with Wide
Dynamic Range
s Low Inband Gain Ripple Performance and Good
I/Q Matching for the Filter
JUPITER
CDMA and FM (AMPS) I/Q Filter
Preliminary Information
DS4724 - 3.1 May 1998
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VCC MAX
Operating temperature, TOP (at pins)
Storage temperature, TSTG (ambient)
Junction temperature
CMOS input logic high, VIH
CMOS input logic low, VIL
Maximum input voltage at all pins
ORDERING INFORMATION
JUPITER-1/KG/NP1S
2
0·7V to 15·3V
2
30
°C to170°C
2
40
°C to 1150°C
2
30
°C to 1125°C
VCC10·6V (Max.)
2
0·6V (Min.)
2
0·6V to VCC MAX10·6V
ESD PROTECTION
All pins are protected against electrostatic discharge to both
supplies. At least 2kV protection is provided to MIL-STD-883D
Method 3015.7 (human body model).
Fig. 1 Pin connections - top view
NP28
Q_OC_TEST
Q_OC_TESTB
QIN
QINB
Q_OFFSET
Q_OFFSETB
VTEST
RTUNE
ITUNE
QTUNE
QBAL
QOUT
QOUTB
VCC
I_OC_TEST
I_OC_TESTB
IIN
IINB
I_OFFSET
I_OFFSETB
VEE
MODE_CDMA
ENABLE
ENTEST
VREF
IOUT
IOUTB
VEE2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
JUPITER
Fig. 2 Simplified block diagram
GAIN
CONTROL
MODE
CONTROL
IIN
QIN
IOUT
QOUT
MODE
SELECT
INPUTS
TUNE
CONTROLS
FILTER
CONTROL
QBAL
VGC
I CHANNEL
Q CHANNEL


Similar Description - JUPITER

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
Advanced Information Preliminary
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
Wideband PLL FM Demodulator Preliminary Information
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
IXYS Corporation
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com