Electronic Components Datasheet Search
  English  ▼

X  

JUPITER Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # JUPITER
Description  CDMA and FM (AMPS) I/Q Filter Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

JUPITER Datasheet(HTML) 2 Page - Mitel Networks Corporation

  JUPITER Datasheet HTML 1Page - Mitel Networks Corporation JUPITER Datasheet HTML 2Page - Mitel Networks Corporation JUPITER Datasheet HTML 3Page - Mitel Networks Corporation JUPITER Datasheet HTML 4Page - Mitel Networks Corporation JUPITER Datasheet HTML 5Page - Mitel Networks Corporation JUPITER Datasheet HTML 6Page - Mitel Networks Corporation JUPITER Datasheet HTML 7Page - Mitel Networks Corporation JUPITER Datasheet HTML 8Page - Mitel Networks Corporation JUPITER Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
JUPITER
2
CIRCUIT DESCRIPTION
The block diagram of the JUPITER filter is shown in
Fig. 3. Two tunable active low-pass gyrator filters are designed
with balanced I/Q inputs and outputs.
CDMA MODE
In CDMA mode the filter (F1 on Fig. 3) is a 7th order 0.1dB
ripple continuously tunable elliptic type with the corner frequency
tuned to 690kHz for best stop band attenuation and minimal
phase error (in the overall system). Variable gain stages after the
filter provide the gain control capability. Overall, each of the
CDMA I/Q channels has 45dB nominal voltage gain with the Q
channel having
±2dB gain adjustment range. Separate I/Q
frequency tuning functions are built into the device.
FM MODE
In FM mode the same filter is used; however, the biasing is
designed such that the current density in the transconductor cells
is reduced by a factor of 46, changing the filter’s cutoff frequency
to 15kHz. The filter characteristic of the main channel filter
(gyrator filter) remains the same, i.e. a 0.1dB 7th order elliptic. In
FM mode additional 2nd order Sallen and Key 0.1dB ripple
Chebeyshev filters (F2) are included in the signal path prior to the
gyrators. These improve the out-of-band blocking of the overall
filter. Different amplifiers are used in FM mode to those used in
CDMA mode to enable optimization of the gain distribution in FM
mode for current consumption and dynamic range.
OPERATION
Signal inputs are DC coupled in both CDMA and FM modes.
The device modes are selected by CMOS compatible logic
signals as shown in Table 2. An external resistor should be
connected between RTUNE and ground to set internal currents;
a resistor with a tolerance of 65% and a temperature coefficient
of less than 100ppm is recommended. VREF (pin 18) should be
decoupled to VCC to give optimum supply rejection.
A test mode is provided for filter calibration. In this mode, a test
signal is applied to the VTEST input (pin 7) with ENTEST held high.
The test mode is designed to interface with the PLUTO baseband
processor, which can provide the test signal and I/QTUNE
voltages and calibrates the filters using an internal auto calibration
algorithm. The algorithm generates two test frequencies and
calibrates the filters to give the correct attenuation at the upper
frequency. The calibration is normally carried out in CDMA
mode: the FM filter performance is scaled accordingly.
Pins are provided for DC offset control for I and Q channels
(I_OFFSET, I_OFFSETB, Q_OFFSET and Q_OFFSETB). In
typical operation, the I_OFFSET/Q_OFFSET pins would be
controlled by a voltage derived from the baseband processor.
However, it is also possible to minimise the DC offset using
external components; this is primarily intended for test purposes.
These feedback components between IOUT/QOUT and
I_OFFSET/Q_OFFSET are shown in Fig. 4 but would not be
used in the normal application
In test mode, these offset controls are disabled and the offsets
are controlled using on-chip feedback. The loop filter for this
feedback uses external 10nF capacitors on pins I_OC_TEST/B
and Q_OC_TEST/B as shown in Fig. 4.
I/O
I
I
I
I
I
I
I
I
I
I
O
O
P
P
O
O
I
I
I
P
I
I
I
I
I
I
Description
Q channel offset control in test mode
Q channel offset control in test mode (balanced)
Q channel CDMA/FM input.
Q channel CDMA/FM input (balanced)
Q channel offset control
Q channel offset control (high gain mode)
Test mode signal input for tuning operation
Precision resistor for current definition (18k)
I filter tuning control
Q filter tuning control
Q channel gain adjust voltage, VGC
Q channel CDMA/FM output
Q channel CDMA/FM output (balanced)
Supply
Ground
I channel CDMA (balanced)
I channel CDMA
Reference voltage decouple
Mode control (see Table 2)
Mode control (see Table 2)
Mode control (see Table 2)
Ground (substrate)
I channel offset control (high gain mode)
I channel offset control
I channel CDMA (balanced)
I channel CDMA
I channel offset control in test mode (balanced)
I channel offset control in test mode
Name
Q_OC_TEST
Q_OC_TESTB
QIN
QINB
Q_OFFSET
Q_OFFSETB
VTEST
RTUNE
ITUNE
QTUNE
QBAL
QOUT
QOUTB
VCC
VEE2
IOUTB
IOUT
VREF
ENTEST
ENABLE
MODE_CDMA
VEE
I_OFFSETB
I_OFFSET
IINB
IIN
I_OC_TESTB
I_OC_TEST
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Table 1 Pin descriptions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com