Electronic Components Datasheet Search
  English  ▼

X  

JUPITER Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # JUPITER
Description  CDMA and FM (AMPS) I/Q Filter Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

JUPITER Datasheet(HTML) 7 Page - Mitel Networks Corporation

  JUPITER Datasheet HTML 1Page - Mitel Networks Corporation JUPITER Datasheet HTML 2Page - Mitel Networks Corporation JUPITER Datasheet HTML 3Page - Mitel Networks Corporation JUPITER Datasheet HTML 4Page - Mitel Networks Corporation JUPITER Datasheet HTML 5Page - Mitel Networks Corporation JUPITER Datasheet HTML 6Page - Mitel Networks Corporation JUPITER Datasheet HTML 7Page - Mitel Networks Corporation JUPITER Datasheet HTML 8Page - Mitel Networks Corporation JUPITER Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
JUPITER
7
ELECTRICAL CHARACTERISTICS
CDMA Mode AC Characteristics (continued)
Characteristic
Conditions
2·8
10
4·0
12
V/V
V/V
ms
ms
k
k
Units
Max.
Value
2·0
2·0
10
1·0
Typ.
1·2
8·0
Min.
Offset Loop Correction
Filter offset adjustment gain:
I_OFFSET/Q_OFFSET
I_OFFSET B/Q_OFFSETB
Amplifier offset settling time:
After power on
After FM to CDMA cycling
Input Impedances
QIN/QINB and IN/INB
Output Impedances
QOUT/QOUTB and IOUT/IOUTB
Settling to within 6mV
Settling to within 6mV
Frequency = 2kHz
Frequency = 2kHz
Fig. 4 Test circuit
VCC
QIN
QINB
Q_OFFSET
Q_OFFSETB
Q_OC_TEST
Q_OC_TESTB
QOUT
QOUTB
QBAL
MODE_CDMA
VCC
VTEST EN_TEST ENABLE
IIN
IINB
I_OFFSET
I_OFFSETB
I_OC_TEST
I_OC_TESTB
IOUT
IOUTB
100n
100k
100k
QTUNE
QIN
QOUT
100n
100k
100k
IIN
IOUT
ITUNE
RTUNE
VEE
VEE2
220n
18k
VREF
1n
100n
JUPITER
10n
10n
10n
10n
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com