Electronic Components Datasheet Search
  English  ▼

X  

JUPITER Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # JUPITER
Description  CDMA and FM (AMPS) I/Q Filter Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

JUPITER Datasheet(HTML) 6 Page - Mitel Networks Corporation

  JUPITER Datasheet HTML 1Page - Mitel Networks Corporation JUPITER Datasheet HTML 2Page - Mitel Networks Corporation JUPITER Datasheet HTML 3Page - Mitel Networks Corporation JUPITER Datasheet HTML 4Page - Mitel Networks Corporation JUPITER Datasheet HTML 5Page - Mitel Networks Corporation JUPITER Datasheet HTML 6Page - Mitel Networks Corporation JUPITER Datasheet HTML 7Page - Mitel Networks Corporation JUPITER Datasheet HTML 8Page - Mitel Networks Corporation JUPITER Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
JUPITER
6
ELECTRICAL CHARACTERISTICS
CDMA Mode AC Characteristics
All parameters are defined as differential unless otherwise stated
Characteristic
Conditions
10
47
AV11·5
8·0
1
0·75
6
0·25
2
84·8
57
2
84·8
57
2·0
1
3
4
1·0
3
MHz
dB
dB
dB/V
dB
dB
dB
µVrms
Vp-p
mVrms
mVrms
mVrms
mVrms
dBV
µVrms
dBV
µVrms
dBV
µVrms
dBV
µVrms
V
%
kHz/V
dB
%
dBp-p
deg
Units
Max.
Value
45
4·0
20
110
1·9
150
150
2
101
8·8
2
101
8·8
1·2
0
240
55
Typ.
43
AV21·5
6
2
2
0·75
1·5
110
110
0·5
2
3
50
Min.
Maximum input frequency
Gain Characteristics
I voltage gain (AV) IIN/B to IOUT/B
Q voltage gain QIN/B to QOUT/B
Q channel gain adjust
Q channel gain control
Gain variation over temperature and
supply voltage
Differential output amplitude balance,
QOUT/QOUTB, IOUT/IOUTB
Power Supply Rejection
In-band
Noise
Input referred
1dB Compression
Output 1dB compression
Out of band blocking signal causing 1dB
compression of in-band signal
Blocking signal at 60kHz
Blocking signal at 120kHz
Intermodulation
Input referred intermodulation product
Input referred intermodulation product
Filter Characteristic (Note 1)
ITUNE/QTUNE voltage
Pass band variation over supply and
temperature variation
I/Q tuning gain
Stop band attenuation 900kHz to 10MHz
I and Q bandwidth matching
In-band gain ripple
Average phase balance, I and Q channels
External load = 50k
Ω//5pF
QBAL = 1·2V
QBAL = 0·5 to 2V
VCC = 6150mV
Measured at I/Q output frequency = 690kHz
Bandwidth = 10Hz to 5MHz. I and Q channels
Frequency = 2kHz
In-band frequency = 100kHz. All conditions
27
°C only
In-band frequency = 100kHz. All conditions
27
°C only
Unmodulated interferers
900kHz 24mVrms, 1700kHz 15mVrms
27
°C only
Unmodulated interferers
1·25MHz 24mVrms, 2·25MHz 15mVrms
27
°C only
Tuning voltage to set filter to 28dB
at 720kHz relative to 350kHz
VCC = 6150mV
ITUNE = QTUNE = 1·2V
Frequency = 1kHz to 630kHz
Frequency = 1kHz to 630kHz
NOTE 1. Filter tuned to 28dB at 720kHz relative to 350kHz
Cont…



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com