Electronic Components Datasheet Search
  English  ▼

X  

MBA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBA
Description  High Frequency Thin Film Leaded Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA Datasheet(HTML) 5 Page - Vishay Siliconix

  MBA Datasheet HTML 1Page - Vishay Siliconix MBA Datasheet HTML 2Page - Vishay Siliconix MBA Datasheet HTML 3Page - Vishay Siliconix MBA Datasheet HTML 4Page - Vishay Siliconix MBA Datasheet HTML 5Page - Vishay Siliconix MBA Datasheet HTML 6Page - Vishay Siliconix MBA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28769
162
Revision: 16-Oct-09
MBA/SMA 0204 HF
Vishay Beyschlag
High Frequency Thin Film Leaded Resistors
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 60115-1, generic specification (includes tests)
EN 140100, sectional specification (includes schedule for
qualification approval)
CECC 40101-806, detail specification (includes schedule for
conformance inspection)
The following table contains the applicable tests selected
from the documents listed above.
The tests are carried out in accordance with IEC 60068-xx
test method and under standard atmospheric conditions in
accordance with
IEC 60068-1, 5.3. Climatic category
LCT/UCT/56 (rated temperature range: Lower Category
Temperature, Upper Category Temperature; damp heat,
long term, 56 days) is valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
For testing the components are mounted on a test board in
accordance with IEC 60115-1, 4.31 unless otherwise
specified.
In the Test Procedures and Requirements table only the
tests and requirements are listed with reference to the
relevant clauses of IEC 60115-1 and IEC 60068-2 test
methods. A short description of the test procedure is also
given.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-xx
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR max.)
Stability for product types:
MBA/SMA 0204 HF
1.5
Ω to 470 Ω
4.5
-
Resistance
± 1 %; ± 2 %
4.8
-
Temperature
coefficient
At (20/LCT/20)
°C and
(20/UCT/20)
°C
± 50 ppm/K
4.25.1
-
Endurance at
70
°C: standard
operation mode
U =
or
U = Umax.;
1.5 h ON; 0,5 h OFF
70
°C; 1000 h
± (0.5 %
R + 0.05
Ω)
70
°C; 8000 h
± (1 %
R +0.1
Ω)
-
Endurance at
70
°C: long term
operation mode
U =
or
U = Umax.;
1.5 h ON; 0.5 h OFF
70
°C; 1000 h
± (0.25 %
R + 0.05
Ω)
70
°C; 8000 h
± (0.5 %
R + 0.05
Ω)
4.25.3
-
Endurance at
upper category
temperature
125
°C; 1000 h
± (0.25 %
R + 0.05
Ω)
155
°C; 1000 h
± (0.5 %
R + 0.05
Ω)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2
)°C; 56 days;
(93 ± 3) % RH
± (0.5 %
R + 0.05
Ω)
4.23
Climatic
sequence:
4.23.2
2 (Ba)
Dry heat
155
°C; 16 h
4.23.3
30 (Db)
Damp heat,
cyclic
55
°C; 24 h; 90 % to 100 % RH;
1 cycle
4.23.4
1 (Aa)
Cold
- 55
°C; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h; 15 °C to 35 °C
4.23.6
30 (Db)
Damp heat,
cyclic
55
°C; 5 days;
95 % to 100 % RH; 5 cycles
± (0.5 %
R + 0.05
Ω)
no visible damage
-
1 (Aa)
Cold
- 55
°C; 2 h
± (0.1 %
R + 0.01
Ω)
P
70 x R
P
70 x R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com