Electronic Components Datasheet Search
  English  ▼

X  

MBA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MBA
Description  High Frequency Thin Film Leaded Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA Datasheet(HTML) 6 Page - Vishay Siliconix

  MBA Datasheet HTML 1Page - Vishay Siliconix MBA Datasheet HTML 2Page - Vishay Siliconix MBA Datasheet HTML 3Page - Vishay Siliconix MBA Datasheet HTML 4Page - Vishay Siliconix MBA Datasheet HTML 5Page - Vishay Siliconix MBA Datasheet HTML 6Page - Vishay Siliconix MBA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 28769
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 16-Oct-09
163
MBA/SMA 0204 HF
High Frequency Thin Film Leaded Resistors
Vishay Beyschlag
12NC INFORMATION FOR HISTORICAL CODING REFERENCE
Last Digit of 12NC Indicating Resistance Decade
Ordering Example (For historical coding reference of
MBA 0204 HF)
The ordering code of a MBA 0204 HF resistor, value 51
Ω
and TCR 50 with ± 2 % tolerance, supplied on bandolier
ammopack, in a box units is: 2312 908 05109.
4.13
-
Short time
overload
Room temperature;
U = 2.5 x
or
U = 2 x Umax.; 5 s
± (0.1 %
R + 0.01
Ω)
no visible damage
4.19
14 (Na)
Rapid change of
temperature
30 min at LCT and
30 min at UCT; 5 cycles
± (0.1 %
R + 0.01
Ω)
no visible damage
4.29
45 (XA)
Component
solvent
resistance
Isopropyl alcohol + 23
°C;
toothbrush method
marking legible;
no visible damage
4.18.2
20 (Tb)
Resistance to
soldering heat
Unmounted components;
(260 ± 3) °C; (10 ± 1) s
± (0.1 %
R + 0.01
Ω)
no visible damage
4.17
20 (Ta)
Solderability
+ 235 °C; 2 s
solder bath method;
SnPb40
Good tinning (
≥ 95 % R covered);
no visible damage
+ 245 °C; 3 s
solder bath method;
SnAg3Cu0.5
4.22
6 (B4)
Vibration
6 h; 10 Hz to 2000 Hz 1.5 mm
or 196 m/s2
± (0.1 %
R + 0.01
Ω)
4.16
21 (Ua1)
21 (Ub)
21 (Uc)
Robustness of
terminations
Tensile, bending and torsion
± (0.1 %
R +0.01
Ω);
no visible damage
4.7
-
Voltage proof
URMS = Uins; 60 s
No flashover or breakdown
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-xx
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR max.)
Stability for product types:
MBA/SMA 0204 HF
1.5
Ω to 470 Ω
P
70 x R
RESISTANCE DECADE
LAST DIGIT
1
Ω to 9.99 Ω
8
10
Ω to 99.9 Ω
9
100
Ω to 999 Ω
1
12NC CODE FOR HISTORICAL CODING REFERENCE OF MBA 0204 HF
DESCRIPTION
2312 ... .....
BANDOLIER IN BOX
AMMOPACK
TYPE
TCR
TOL.
C1
1000
units
CT
5000
units
MBA 0204 HF
± 50 ppm/K
± 2 %
903 0....
908 0....



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com