Electronic Components Datasheet Search
  English  ▼

X  

MBA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBA
Description  High Frequency Thin Film Leaded Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA Datasheet(HTML) 3 Page - Vishay Siliconix

  MBA Datasheet HTML 1Page - Vishay Siliconix MBA Datasheet HTML 2Page - Vishay Siliconix MBA Datasheet HTML 3Page - Vishay Siliconix MBA Datasheet HTML 4Page - Vishay Siliconix MBA Datasheet HTML 5Page - Vishay Siliconix MBA Datasheet HTML 6Page - Vishay Siliconix MBA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28769
160
Revision: 16-Oct-09
MBA/SMA 0204 HF
Vishay Beyschlag
High Frequency Thin Film Leaded Resistors
DESCRIPTION
Production is strictly controlled and follows an extensive set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a high grade
ceramic body (85 % Al2O3) and conditioned to achieve the
desired
temperature
coefficient.
Nickel
plated
steel
termination caps are firmly pressed on the metallised rods. A
special laser is used to achieve the target value by smoothly
cutting a low-inductivity non-helical groove in the resistive
layer without damaging the ceramics. Connecting wires of
electrolytic copper plated with 100 % pure tin are welded to
the termination caps. The resistors are covered by protective
coating designed for electrical, mechanical and climatic
protection.The terminations receive a final pure tin on nickel
plating. Four colour code rings designate the resistance
value and tolerance in accordance with IEC 60062.
Additional black dots near the 3rd colour ring identify the
special HF product.
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual resistors. Only accepted products are stuck
directly
on
the
adhesive
tapes
in
accordance
with
IEC 60286-1.
ASSEMBLY
The resistors are suitable for processing on automatic
insertion equipment and cutting and bending machines.
Excellent solderability is proven, even after extended
storage. They are suitable for automatic soldering using
wave or dipping. The encapsulation is resistant to all
cleaning solvents commonly used in the electronics industry,
including alcohols, esters and aqueous solutions. The
resistors are completely lead (Pb)-free, the pure tin plating
provides
compatibility
with
lead
(Pb)-free
and
lead-containing soldering processes. The immunity of the
plating against tin whisker growth has been proven under
extensive testing. All products comply with GADSL (1) and
the CEFIC-EECA-EICTA (2) list of legal restrictions on
hazardous substances. This includes full compatibility with
the following directives:
• 2000/53/EC End of Vehicle Life Directive (ELV) and
Annex II (ELVII)
• 2002/95/EC Restriction of the use of Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electrical Equipment
Directive (WEEE)
APPROVALS
Where applicable, the resistors are tested in accordance with
CECC 40101-806
which
refers
to
EN 60115-1
and
EN 140100.
Vishay
Beyschlag
has
achieved
“Approval
of
Manufacturer” in accordance with IEC QC 001002-3,
clause 2. The release certificate for “Technology Approval
Schedule” in accordance with CECC 240001 based on
IEC QC 001002-3, clause 6 is granted for the Vishay
Beyschlag manufacturing process.
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European
trade
organisation
representing
the
information
and
communications
technology
and
consumer
electronics),
see
www.eicta.org/index.php?id=1053&id_article=340
FUNCTIONAL PERFORMANCE
°C
100
150
0
- 50
0
5
0
0. 5
1
W
70
Ambient Temperature amb
ϑ
MBA/SMA 0204 HF
Derating - Standard Operation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com