Electronic Components Datasheet Search
  English  ▼

X  

MBA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBA
Description  High Frequency Thin Film Leaded Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA Datasheet(HTML) 1 Page - Vishay Siliconix

  MBA Datasheet HTML 1Page - Vishay Siliconix MBA Datasheet HTML 2Page - Vishay Siliconix MBA Datasheet HTML 3Page - Vishay Siliconix MBA Datasheet HTML 4Page - Vishay Siliconix MBA Datasheet HTML 5Page - Vishay Siliconix MBA Datasheet HTML 6Page - Vishay Siliconix MBA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High Frequency Thin Film Leaded Resistors
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28769
158
Revision: 16-Oct-09
MBA/SMA 0204 HF
Vishay Beyschlag
MBA/SMA 0204 HF leaded thin film resistors for RF
applications are the perfect choice in high frequency circuit
designs; where the impedance change due to the parasitic
inductance of regular and professional resistors can not
be accepted. Typical applications are in the fields of
telecommunication equipment and industrial electronics.
APPLICATIONS
• Telecommunication equipment
• Industrial electronics
FEATURES
• Speciality product for RF applications
• Low-inductance non-helical trimmed product
• Suitable for more than 3 GHz
• Resistance range: 1.5 Ω to 470 Ω
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compliant to RoHS directive 2002/95/EC
Note
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
METRIC SIZE
DIN
0204
CECC
A
TECHNICAL SPECIFICATIONS
DESCRIPTION
MBA/SMA 0204 HF
CECC Size
A
Resistance Range
1.5
Ω to 470 Ω
Resistance Tolerance
± 1 %; ± 2 %
Temperature Coefficient
± 50 ppm/K
Operation Mode
Long term
Standard
Climatic Category (LCT/UCT/Days)
55/125/56
55/155/56
Rated Dissipation,
P70
0.25 W
0.4 W
Operating Voltage,
Umax. AC/DC
Limited by
P70
Film Temperature
125
°C
155
°C
Max. Resistance Change at
P70
for Resistance Range,
ΔR/R max., After:
1.5
Ω to 470 Ω
1000 h
≤ 0.25 %
≤ 0.5 %
8000 h
≤ 0.5 %
≤ 1.0 %
225 000 h
≤ 1.5 %
-
Permissible Voltage Against Ambient:
1 Minute;
Uins
300 V
Continuous
75 V
Failure Rate
≤ 0.7 x 10- 9/h


Similar Part No. - MBA

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
MBA 0204 NOVA-MBA 0204 Datasheet
220Kb / 1P
COMP-CARD®-System
Rev.03 24.05.17
logo
Mini-Circuits
MBA-15L MINI-MBA-15L Datasheet
331Kb / 2P
Frequency Mixer
MBA-15L+ MINI-MBA-15L+ Datasheet
331Kb / 2P
Frequency Mixer
logo
TDK Electronics
MBA-2060 TDK-MBA-2060 Datasheet
81Kb / 2P
Metrology Biconical Antenna
logo
Ultralife Corporation.
MBA-21R ULTRALIFE-MBA-21R Datasheet
297Kb / 2P
Radio manufacturer independent
10 JUN 2010 Rev A
More results

Similar Description - MBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
Professional Thin Film Leaded Resistors
17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
Professional Thin Film Leaded Resistors
17-Aug-11
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
Professional Thin Film Leaded Resistors
17-Aug-11
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
High Precision Thin Film Leaded Resistors
06-Oct-09
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
Professional Thin Film Leaded Resistors
30-Apr-15
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
Professional Thin Film Leaded Resistors
02-Nov-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com