Electronic Components Datasheet Search
  English  ▼

X  

PFRR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PFRR
Description  ESCC ( ) 4001/023 Qualified R Failure Rate High Precision (10 ppm/째C, 0.05 %) Thin Film Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PFRR Datasheet(HTML) 5 Page - Vishay Siliconix

  PFRR Datasheet HTML 1Page - Vishay Siliconix PFRR Datasheet HTML 2Page - Vishay Siliconix PFRR Datasheet HTML 3Page - Vishay Siliconix PFRR Datasheet HTML 4Page - Vishay Siliconix PFRR Datasheet HTML 5Page - Vishay Siliconix PFRR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PFRR
www.vishay.com
Vishay
Revision: 19-Nov-14
5
Document Number: 53046
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE
TEST
CONDITIONS
REQUIREMENTS
TYPICAL
ESA/SCC 4001/023
MIL-PRF-55342G
Short time overload
Umax. < 2 UL - 2 s
± 0.05 % + (0.05
 x 100/Rn)
0.10 %
± 0.01 %
Rapid temperature
change
- 55 °C/+ 155 °C 5 cycles
CEI 66-2-14 Test Na
± 0.05 % + (0.05
 x 100/Rn)
0.1 %
(for 100 cycles)
± 0.01 %
± 0.015 % (for 500 cycles)
Soldering
(thermal shock)
260 °C/10 s
CEI 68-2-20 A Test T6 (met. 1A)
± 0.05 % + (0.05
 x 100/Rn)
-
± 0.005 %
Terminal strength:
Adhesion bend
strength of end
plated facing
CEI 115-1 Clause 4.32
CEI 115-1 Clause 4.33
± 0.05 % + (0.05
 x 100/Rn)
-
± 0.01 %
Climatic sequence
CEI 67-2-1/CEI 68-2-2
CEI 67-2-13/CEI 68-2-30
± 0.10 % + (0.05
 x 100/Rn)
-
± 0.02 %
Insulation resistance > 1 G
Load life
2000 h Pr at + 70 °C
90’/30’ cycle
8000 h
± 0.25 % + (0.05
 x 100/Rn)
1 % + (0.05
 x 100/Rn)
0.5 %
± 0.05 % (8000 h)
Insulation resistance > 1 G
High temperature
exposure
2000 h Pr at + 155 °C
CEI 68-2-20A Test B
± 0.15 % + (0.05
 x 100/Rn)
± 0.10 %
(duration 1000 h)
± 0.05 %
Insulation resistance > 1 G
U =
6.25 Pr x Rn




Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com