Electronic Components Datasheet Search
  English  ▼

X  

PFRR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PFRR
Description  ESCC ( ) 4001/023 Qualified R Failure Rate High Precision (10 ppm/째C, 0.05 %) Thin Film Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PFRR Datasheet(HTML) 2 Page - Vishay Siliconix

  PFRR Datasheet HTML 1Page - Vishay Siliconix PFRR Datasheet HTML 2Page - Vishay Siliconix PFRR Datasheet HTML 3Page - Vishay Siliconix PFRR Datasheet HTML 4Page - Vishay Siliconix PFRR Datasheet HTML 5Page - Vishay Siliconix PFRR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PFRR
www.vishay.com
Vishay
Revision: 19-Nov-14
2
Document Number: 53046
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Suggested land pattern: According to IPC-7351
TRACEABILITY DEFINITIONS
The two major traceability elements are defined as:
• The primary process lot number named Front End lot (FE lot). One “FE lot”is composed of several wafers issued from the
same thin film deposition sequence.
• The date code named Batch Number(BN). The “BN” is defined after completion of the end of production testing sequence.
The lot homogeneity is given by the “FE lot” and not by the “BN”.
According to the applied rules validated by the ESCC through the product qualification, the following situations are agreed:
• Parts coming from different “FE lost” might have the same “BN”.
• A maximum of two different “BN” might be applied to the same “FE lot” to enable the use of overruns from a previous PO.
• Unless requested / approved by the customer the “BN” will be 2 years old maximum.
SPECIFIC TRACEABILITY REQUIREMENTS
The following specific requirements have to be treated as:
• A customer who requires “Lot Homogeneity” has to mention it on the PO as “SINGLE PRODUCTION LOT”.
• A customer who requires “Lot Homogeneity” in addition to a “Single Batch Number” has to mention it on the PO as “SINGLE
PRODUCTION LOT AND OPTION R0101”.
END OF PRODUCTION TESTING
Mandatory testing performed at the end of the production process:
• 100 % overload: Voltage
or 2 UL whichever is less - duration 2 s
DIMENSIONS in millimeters
VARIANT
NUMBER
STYLE
AB
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
09
0603
1.39
2.16
0.62
1.01
0.25
1.02
0.17
0.51
0.25
0.51
10
0805
1.78
2.55
1.14
1.53
0.25
1.02
0.17
0.51
0.25
0.51
11
1206
2.87
3.64
1.47
1.86
0.25
1.02
0.17
0.51
0.25
0.51
12
2010
4.95
5.72
2.41
2.8
0.25
1.02
0.35
0.85
0.35
0.85
15
0402
0.87
1.64
0.47
0.86
0.25
1.02
0.09
0.38
0.12
0.38
LAND PATTERN DIMENSIONS in millimeters
CHIP SIZE
Zmax.
Gmin.
Xmax.
0402
1.55
0.15
0.73
0603
2.37
0.35
0.98
0705/0805
2.76
0.74
1.40
1206
3.91
1.85
1.73
2010
5.93
3.71
2.67
A
D
D
C
E
E
B
G
min.
Z
max.
6.25 P
n x Rn




Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com