Electronic Components Datasheet Search
  English  ▼

X  

PFRR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PFRR
Description  ESCC ( ) 4001/023 Qualified R Failure Rate High Precision (10 ppm/째C, 0.05 %) Thin Film Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PFRR Datasheet(HTML) 3 Page - Vishay Siliconix

  PFRR Datasheet HTML 1Page - Vishay Siliconix PFRR Datasheet HTML 2Page - Vishay Siliconix PFRR Datasheet HTML 3Page - Vishay Siliconix PFRR Datasheet HTML 4Page - Vishay Siliconix PFRR Datasheet HTML 5Page - Vishay Siliconix PFRR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PFRR
www.vishay.com
Vishay
Revision: 19-Nov-14
3
Document Number: 53046
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: PFRR0603Y1003BBT (preferred part number format)
TYPE
TCR
OHMIC
VALUE
TOLERANCE
TERMINATION
PACKAGING
PFRR0402
PFRR0603
PFRR0805
PFRR1206
PFRR2010
Y = ± 10 ppm/°C
E = ± 25 ppm/°C
The first three digits are
significant figures and the
last digit specifies the
number of zeros to follow.
Example:
3901 = 3900
1004 = 1 M
W = ± 0.05 %
B = ± 0.10 %
B: SnPb over
nickel barrier
For more
information
see
Codification
of Packaging
table
CODIFICATION OF PACKAGING
CODE 18
PACKAGING
WAFFLE PACK
W
100 min., 1 mult
WA
100 min., 100 mult (available only in size 1206)
PLASTIC TAPE (in standard for all sizes except 0402)
T
100 min., 1 mult
TA
100 min., 100 mult
TB
250 min., 250 mult
TC
500 min., 500 mult
TD
1000 min., 1000 mult
TE
2500min., 2500 mult
TF
Full tape (quantity depending on size of chips)
PAPER TAPE (in standard for 0402, option for other sizes)
PT
100 min., 1 mult
PA
100 min., 100 mult
PB
250 min., 250 mult
PC
500 min., 500 mult
PD
1000 min., 1000 mult
PE
2500min., 2500 mult
PF
Full tape (quantity depending on size of chips)
GLOBAL PART NUMBER INFORMATION
ESCC Code
ESCC SPEC
VARIANT
FAILURE RATE
OHMIC VALUE
TOLERANCE
TCR
4001023
0402 = 15
0603 = 09
0805 = 10
1206 = 11
2010 = 12
R
The first three digits are significant figures and the
last digit specifies the number of zeros to follow.
Example:
3901 = 3900
1004 = 1 M
W = ± 0.05 %
B = ± 0.10 %
1 = ± 10 ppm/°C
2 = ± 25 ppm/°C
400102309
1003
B
1
R
F
R
R
060
3
Y
1
003
B
B
T
P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com