Electronic Components Datasheet Search
  English  ▼

X  

PFRR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PFRR
Description  ESCC ( ) 4001/023 Qualified R Failure Rate High Precision (10 ppm/째C, 0.05 %) Thin Film Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PFRR Datasheet(HTML) 1 Page - Vishay Siliconix

  PFRR Datasheet HTML 1Page - Vishay Siliconix PFRR Datasheet HTML 2Page - Vishay Siliconix PFRR Datasheet HTML 3Page - Vishay Siliconix PFRR Datasheet HTML 4Page - Vishay Siliconix PFRR Datasheet HTML 5Page - Vishay Siliconix PFRR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PFRR
www.vishay.com
Vishay
Revision: 19-Nov-14
1
Document Number: 53046
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ESCC (
) 4001/023 Qualified R Failure Rate High Precision
(10 ppm/°C, 0.05 %) Thin Film Chip Resistors
Vishay Sfernice Thin Film division holds ESCC QML
qualification (ESCC technology flow qualification).
These HiRel components are ideal for low noise and
precision applications, superior stability, low temperature
coefficient of resistance, and low voltage coefficient, Vishay
Sfernice’s precision thin film wraparound resistors exceed
requirements
of
MIL-PRF-55342G
characteristics
Y
(± 10 ppm/°C).
FEATURES
• Load life stability at ± 70 °C for 2000 h: 0.25 %
under Pn
• Temperature coefficient to: 10 ppm/°C
• Very low noise (< -35 dB) and voltage coefficient
(< 0.01 ppm/V)
• Resistance range: 100
 to 3.01 M (depending on size)
• Tolerances down to 0.05 %
• SnPb terminations over nickel barrier
• ESCC 4001 (generic specification)
• ESCC 4001/023 (detail specification)
• ESCC qualified
• R failure rate (0.01 % per 1000 h)
• SMD wraparound chip resistor
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
ESCC
VARIANT
NUMBER
RESISTANCE
RANGE
RATED
POWER
AT + 70 °C
(Pn)
W
LIMITING
ELEMENT
VOLTAGE
(UL)
V
INSULATION
VOLTAGE
(Ui)
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
PFRR 0402
0402
15
100 to 150K
0.05
30
40
0.05, 0.1
10, 25
PFRR 0603
0603
09
100 to 500K
0.1
50
100
0.05, 0.1
10, 25
PFRR 0805
0805
10
100 to 750K
0.125
100
200
0.05, 0.1
10, 25
PFRR 1206
1206
11
100 to 3.5M
0.25
150
300
0.05, 0.1
10, 25
PFRR 2010
2010
12
100 to 6M
0.50
200
300
0.05, 0.1
10, 25
CLIMATIC SPECIFICATIONS
Operating temperature
range
-55 °C; +155 °C
Soldering temperature
(Tsol)
260 °C, immersion 10 s
MECHANICAL SPECIFICATIONS
Substrate material
Alumina
Technology
Thin Film
Film
Nickel Chromium
with mineral passivation
Protection
Epoxy and Silicon
Terminations
B type: SnPb over nickel barrier
for solder reflow
QUALIFIED OHMIC RANGE: MAX. VALUE
PFRR0402
PFRR0603
PFRR0805
PFRR1206
PFRR2010
100 k
261 k
301 k
1 M
3.01 M


Similar Part No. - PFRR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
Polypropylene film/foil capacitor
logo
Good Will Instrument Co...
PFR-100L GWINSTEK-PFR-100L Datasheet
452Kb / 2P
FANLESS MULTI-RANGE D.C. POWER SUPPLY
PFR-100L GWINSTEK-PFR-100L Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
PFR-100L-GL GWINSTEK-PFR-100L-GL Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
PFR-100L-GL-GTL-246 GWINSTEK-PFR-100L-GL-GTL-246 Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
More results

Similar Description - PFRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPU0603 VISHAY-TNPU0603 Datasheet
94Kb / 7P
High Precision Thin Film Chip Resistors
12-Aug-10
VMN-PT9192-1302 VISHAY-VMN-PT9192-1302 Datasheet
635Kb / 2P
Automotive Qualified Professional and Precision Thin Film Chip Resistors
21-Jan-13
CHPFR VISHAY-CHPFR Datasheet
111Kb / 7P
ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
19-Nov-14
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
19-Nov-14
PHR VISHAY-PHR Datasheet
113Kb / 6P
ESCC 4001/023 Qualified High Precision (5 ppm, 0.01 %), Thin Film Chip Resistors
28-Aug-15
logo
WALSIN TECHNOLOGY CORPO...
TA06 WALSIN-TA06 Datasheet
574Kb / 9P
High Precision Thin Film Chip Resistors
SFXXT_A WALSIN-SFXXT_A Datasheet
1Mb / 10P
High Precision Thin Film chip resistors
WFXXB WALSIN-WFXXB Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXF_Q WALSIN-WFXXF_Q Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
WFXXT WALSIN-WFXXT Datasheet
1Mb / 10P
High Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com