Electronic Components Datasheet Search
  English  ▼

X  

MH88628 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MH88628
Description  Central Office SLIC Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88628 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MH88628 Datasheet HTML 8Page - Mitel Networks Corporation MH88628 Datasheet HTML 9Page - Mitel Networks Corporation MH88628 Datasheet HTML 10Page - Mitel Networks Corporation MH88628 Datasheet HTML 11Page - Mitel Networks Corporation MH88628 Datasheet HTML 12Page - Mitel Networks Corporation MH88628 Datasheet HTML 13Page - Mitel Networks Corporation MH88628 Datasheet HTML 14Page - Mitel Networks Corporation MH88628 Datasheet HTML 15Page - Mitel Networks Corporation MH88628 Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2-211
Preliminary Information
MH88628
Figure 9 - OPS SLIC Configuration Applications Circuit - Normal Ringing
Graph 2 - Loop Current Setting
-5V
+5V
VDD
VEE
AGND
RX
GRX0
GRX1
LCA
TX
GTX0
GTX1
SHK
UD
Z1
Z600
SEL1
CODEC
TF1
TF2
TIP
RING
RF1
RF2
LINE
CONTROLLER
LOGIC
VR
VX
SYSTEM
GROUND
VBat
-VBat
MH88628
SEL2
ESE
ESI
ACRI
DCRI
12/16kHz
Metering Source
1.5VRMS 20Hz
Source
120VDC
Supply
+
+5V
RD
K1
VRLY
K1B
NS
RGND
P
R
O
T
E
C
T
I
O
N
50
40
30
20
10K
100K
1M
LCA
28.48m
= 0V
65mA
(
Ω/10)
(
Ω/10 + 10mA)
To +5V
To -5V
35.3mA
O/C LCA
R(LCA)
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com