Electronic Components Datasheet Search
  English  ▼

X  

MH88628 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH88628
Description  Central Office SLIC Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88628 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH88628 Datasheet HTML 1Page - Mitel Networks Corporation MH88628 Datasheet HTML 2Page - Mitel Networks Corporation MH88628 Datasheet HTML 3Page - Mitel Networks Corporation MH88628 Datasheet HTML 4Page - Mitel Networks Corporation MH88628 Datasheet HTML 5Page - Mitel Networks Corporation MH88628 Datasheet HTML 6Page - Mitel Networks Corporation MH88628 Datasheet HTML 7Page - Mitel Networks Corporation MH88628 Datasheet HTML 8Page - Mitel Networks Corporation MH88628 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2-203
Preliminary Information
MH88628
AC Electrical Characteristics‡
* Typical figure are at 25
°C with nominal +5V supplies and are for design aid only.
‡ AC Electrical Characteristics are over recommended operating conditions unless otherwise stated.
Notes:
Impedance set by external network of 600
Ω or 900Ω default.
External network for test purposes consists of 2200
Ω + 8200Ω // 11.5nF between pins Z1 and Z2, the equivalent Zin has 1/10th the impedance
and is equivalent o 220
Ω+820Ω // 115nF.
Test condition uses a Zin value of 600
Ω, 900Ω and the above external network.
Test conditions use a transmit and receive gain set to 0dB default and a Zin value of 600
Ω unless otherwise stated.
“Ref” indicates reference impedance which is equivalent to the termination impedance.
“Net” indicates network balance impedance.
Refer to Table 1, 2 for TX, RX gain adjustment.
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
TX Gain
0
dB
externally adjustable
2
RX Gain
0
dB
externally adjustable
3
Ringing Capability
5
REN
4
On-Hook Transmission
Signal Input Level
Gain
6
2.0
Vrms
dB
VBat=-48V
T-R load = 10k
Ω min.
5
External Signal Output Level
1.75
2.25
Vrms
VBat= -48V, T-R load=
200
Ω LCA=0V, Zo-600Ω,
Gain=0dB
6SHK Rise Time
Fall time
tR
tF
1
1
ms
ms
Dial Pulse Detection
7
2-Wire Termination
Impedance
600/
900
Ω
Selectable
8
Off-Hook Detect Threshold
10
mA
9
2-Wire Return Loss
20
20
20
dB
dB
dB
300 to 500Hz
500 to 2500Hz
2500 to 3400Hz
10
Longitudinal Balance
Longitundinal to Metallic
58
53
dB
dB
200-1000Hz
1kHz - 3k4Hz
11
Longitudinal Current
Capability
40
mA
20mA per lead
12
Idle channel Noise
Rx to T-R
T-R to Tx
NCR
NCX
8
12
dBrnC
dBrnC
13
Transhybrid Loss
THL
22
40
dB
200-3400Hz
14
Unbalanced Detect Threshold
IUB
10
mA
15
Analog Signal Overload Level
At Tip and Ring
4
dBm
T-R=600
Ω, V
Bat=-48V
16
Ringing Signal Voltage
90
Vrms
17
Ringing Frequency
17
33
Hz
18
Ring Trip Delay
100
ms
19
Absolute Gain, Variation
+0.1
dB
0dB at T-R, 1kHz
20
Relative Gain, reference to
1kHz
+0.05
dB
300-3400Hz
21
Power Supply Rejection Ratio
VBat
VDD
VEE
PSRR
24
24
24
dB
1kHz, 100mVpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com