Electronic Components Datasheet Search
  English  ▼

X  

MH88628 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88628
Description  Central Office SLIC Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88628 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88628 Datasheet HTML 1Page - Mitel Networks Corporation MH88628 Datasheet HTML 2Page - Mitel Networks Corporation MH88628 Datasheet HTML 3Page - Mitel Networks Corporation MH88628 Datasheet HTML 4Page - Mitel Networks Corporation MH88628 Datasheet HTML 5Page - Mitel Networks Corporation MH88628 Datasheet HTML 6Page - Mitel Networks Corporation MH88628 Datasheet HTML 7Page - Mitel Networks Corporation MH88628 Datasheet HTML 8Page - Mitel Networks Corporation MH88628 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2-200
MH88628
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1TIP
Tip Lead. Connects to the “Tip” lead of subscriber line.
2
RING
Ring Lead. Connects to the “Ring” lead of the subscriber line.
3TF1
Tip Feed 1. Access point for balanced ringing. Normally connects to TF2.
4TF2
Tip Feed 2. Access point for balanced ringing. Normally connects to TF1.
5RF1
Ring Feed 1. Access point for balanced ringing. Normally connects to RF2.
6RF2
Ring Feed 2. Access point for balanced ringing. Normally connects to RF1.
7
LGND
Battery Ground. VBat return path. Connected to system’s energy dumping ground.
8LCA
Current Limit Set (Input). The current limit is set by connecting an external resistor to
ground. For 30mA default current, this pin is tied to GND.
9VBat
Battery Voltage. Typically -48Vdc is applied to this pin.
10
DCRI
DC Ringing Voltage Input. A continuous 120Vdc is applied to this input.
11
RGND
Relay Driver Ground Connection.
12
VRLY
Relay Supply Voltage Connection.
13
RD
Ring Drive (Output). Connects to ring relay coil.
14
SEL1
Select 1 (Input). Refer to Table 5
15
SEL2
Select 2 (Input). Refer to Table 5.
16
ESI
External Signal Input. 12/16kHz meter pulse input.
17
ESE
External Signal Enable. Applies the external signal to the line.
18
AGND
Analog Ground. VDD and VEE return path.
19
NATT
Network Balance AT+T Node. Connects to N1 for a network balance impedance of AT&T
compromise (350
Ω + 1kΩ // 210nF); the device’s input impedance must be set to 600Ω.
This node is active only when NS is at logic high. This node should be left open circuit when
not used.
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
N2
Z900
Z1
Z2
TX
RX
GTX0
GTX1
GRX0
GRX1
ACRI
Z600
NS
SHK
UD
IC
IC
IC
VEE
VDD
TIP
RING
TF1
TF2
RF1
RF2
LGND
LCA
VBat
DCRI
RGND
VRLY
RD
SEL1
SEL2
ESI
ESE
AGND
NATT
N1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com