Electronic Components Datasheet Search
  English  ▼

X  

MH88632 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MH88632
Description  Central Office Interface Circuit Preliminary Information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88632 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MH88632 Datasheet HTML 9Page - Mitel Networks Corporation MH88632 Datasheet HTML 10Page - Mitel Networks Corporation MH88632 Datasheet HTML 11Page - Mitel Networks Corporation MH88632 Datasheet HTML 12Page - Mitel Networks Corporation MH88632 Datasheet HTML 13Page - Mitel Networks Corporation MH88632 Datasheet HTML 14Page - Mitel Networks Corporation MH88632 Datasheet HTML 15Page - Mitel Networks Corporation MH88632 Datasheet HTML 16Page - Mitel Networks Corporation MH88632 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
2-247
Preliminary Information
MH88632
Table 3: Input Impedance Settings
Note 1: NA indicates high impedance (10k
Ω) connection to this pin does not effect the resulting network balance.
Note 2: See Figure 4 & 5 for Applications Circuits
Table 4: Network Balance Settings
.
Note 1: NA indicates high impedance (10k
Ω) connection to this pin does not effect the resulting network balance.
Note 2:Low indicates Logic Low.
Note 3: See Figures 6 and 7 for Application Circuit.
Table 5: Control Decode Table
Note 1: VT - VR = Differential voltage from Tip to Ring VR - VT = Differential voltage from Ring to Tip
Note 2: Low indicates Logic Low. High indicates logic High.
Note 3: See Figures 8 & 10 for Application Circuit.
Table 6: Loop Current Setting
Note 1: VT - VR = Differential voltage from Tip to Ring VR - VT = Differential voltage from Ring to AGND
Note 2: A > -B indicates that “A” is less negative than “-B”. A<-B indicates that “A” is more negative than “-B”.
Note 3:Low indicates Logic Low. High indicates logic High.
Note 4: See Figure 8 for Application Circuit.
Z2
Z1
Z600
Z900
Resulting input impedance (Zin)
NA
Connect Z1 to Z600
NA
600
Ω
NA
Connect Z1
to Z9000
NA
Connect Z1
to Z900
900
Ω
Connect network from Z1 to Z2
NA
NA
0.1 x impedance between Z1 & Z2
NS (Input)
N2
N1
NATT
Resulting input impedance (Zin)
Low
NA
NA
NA
Equivalent to Zin
High
NA
Connect N1 to NATT
AT&T compromise (350
Ω + 1kΩ // 210nF)
Zin must be 600
Ω
High
Connect network from N1 to
AGND equivalent to 10 x
NETBAL. Connect network
from N1 to N2 equivalent to 10
x Zin.
NA
0.1 x impedance between N1 & N2
Loop Status
Loop Condition
LRC (Input)
FL (Output)
RL (Output)
Forward Battery
VT-VR > 40 V
Low
Low
High
Forward Current
VT-VR > 3.4 V
High
Low
High
Reverse Battery
VR-VT > 40V
Low
High
Low
Forward Current
VR-VT > 3.4 V
High
High
Low
No Battery
IVT-VRI > 1.0 V
Low
High
High
No Current
IVT-VRI > 10 V
High
High
High
Not Valid
No Condition
High or Low
Low
Low
Loop Status
Loop Condition
RG (Output)
TG (Output)
Ring and Tip open
VT-VG > -14 V
VR-VG < -14V
High
High
Ring Ground and Tip
Open
VR-VG > -12 V
VT-VG < -14V
Low
High
Tip Ground and Ring
Open
VT-VG > -12 V
VR-VG < -14V
High
Low
Ring and Tip Ground
VR-VG > -12 V
VT-VG < -12V
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com