Electronic Components Datasheet Search
  English  ▼

X  

MH88632 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MH88632
Description  Central Office Interface Circuit Preliminary Information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88632 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MH88632 Datasheet HTML 1Page - Mitel Networks Corporation MH88632 Datasheet HTML 2Page - Mitel Networks Corporation MH88632 Datasheet HTML 3Page - Mitel Networks Corporation MH88632 Datasheet HTML 4Page - Mitel Networks Corporation MH88632 Datasheet HTML 5Page - Mitel Networks Corporation MH88632 Datasheet HTML 6Page - Mitel Networks Corporation MH88632 Datasheet HTML 7Page - Mitel Networks Corporation MH88632 Datasheet HTML 8Page - Mitel Networks Corporation MH88632 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2-238
MH88632
Preliminary Information
37
FL
Forward Loop Detect (Output). In the on hook state, a logic low output indicates that
forward loop battery is present. In the off-hook state, a logic low output indicates that
forward loop current is present. Forward loop refers to the Ring Lead negative with respect
to the Tip lead.
38
RG
Ring Lead Ground Detect (Output). A logic low indicates that the Ring lead is at ground
(AGND) potential.
39
VEE
Negative Supply Voltage. -5V dc.
40
VDD
Positive Supply Voltage. +5V dc.
Pin Description (Continued)
Pin #
Name
Description
Functional Description
The MH88632 is a COIC (Central Office Interface
Circuit) used to interface to Central Office 2-Wire
Analog Trunks. The COIC provides both Loop start
and Ground start interface capabilities.
Approvals
FCC part 68, DOC CS-03, UL 1459, CAN/CSA 22.2
No.225-M90 are all system (i.e., connectors, power
supply,
cabinet,
etc.)
requirements.
Since
the
MH88632 is a component and not a system, it
cannot be approved as a stand alone part by these
standards bodies. However, when installed into a
properly designed system, the MH88632 has been
designed
to
meet
the
CO
Trunk
Interface
requirements of FCC, DOC, UL and CSA, and thus
enabling the complete system to be approved by
these standards bodies.
To meet the regulatory high voltage requirements, an
external protection circuit is required. The protection
circuit shown in Figure 9 is matched to the MH88632
and ensures than they meet the high voltage
requirements of FCC, DOC, CSA and UL when
installed in a properly designed system.
Products are designed in accordance with meeting
the above requirements; however, full conformance
to these standards is dependent upon the application
in which the hybrid is being used, and therefore,
approvals are the responsibility of the customer and
Mitel will not have tested the product to meet the
above standards.
DC Loop Termination
The DC loop termination circuitry provides the loop
with an active Dc load termination when a logic low is
applied to the LRC (Loop Start Relay Control) input.
the termination is similar to a DC resistance between
200
Ω and 275Ω. An external relay is used to activate
internal circuitry which switches the termination in
and out of the loop. This is used for both seizing the
line as well as generating dial pulses.
Supervision Features
The supervision circuitry provides the signalling
status outputs. The system controlling the COIC,
monitors
these
logic
outputs.
The
supervision
circuitry is capable of detecting ringing voltage, both
forward and reverse loop battery and loop current,
and both grounded tip lead and grounded ring lead.
a) Supervision Features RV (Ring Voltage
Detect Output)
The RV (Ringing Voltage Detect) output provides a
logic low when ringing voltage is detected. This
detector includes a ringing filter which ensures that
the output toggles at the ringing cadence and not at
the ringing frequency. Typically, this output goes low
50ms after ringing voltage is applied and remains
low for 50ms after ringing voltage is removed.
b) Supervision Features FL & RL (Forward Loop
and Reverse Loop Detect Output).
The FL (Forward Loop Detect) output provides a logic
low when either forward loop battery or forward loop
current is detected (ring lead voltage negative with
respect to ring lead). The RL (Reverse Loop Detect)
output provides a logic low when either reverse loop
battery or reverse loop current is detected (tip lead
voltage negative with respect to ring lead).
See Table 5 for Loop Battery and Current Status
Outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com