Electronic Components Datasheet Search
  English  ▼

X  

MH88632 Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MH88632
Description  Central Office Interface Circuit Preliminary Information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88632 Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MH88632 Datasheet HTML 10Page - Mitel Networks Corporation MH88632 Datasheet HTML 11Page - Mitel Networks Corporation MH88632 Datasheet HTML 12Page - Mitel Networks Corporation MH88632 Datasheet HTML 13Page - Mitel Networks Corporation MH88632 Datasheet HTML 14Page - Mitel Networks Corporation MH88632 Datasheet HTML 15Page - Mitel Networks Corporation MH88632 Datasheet HTML 16Page - Mitel Networks Corporation MH88632 Datasheet HTML 17Page - Mitel Networks Corporation MH88632 Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
2-250
MH88632
Preliminary Information
Figure 10 - Typical LS Application Circuit
MH88632
PROTECTION
CIRCUIT
K1
LOOP RELAY CONTROL
AUDIO OUT
AUDIO IN
RING DETECT
FORWARD LOOP
REVERSE LOOP
GTX1
GTX0
TX
GRX1
GRX0
RX
Z1
Z600
NS
RV
FL
RL
VEE
AGND
VDD
XLD
XLC
XLB
XLA
GRC
BRC
LRC
RGND
VRLY
LRD
RING
TIP
TIP
RING
+5V
-5V
28
27
25
30
29
26
23
32
33
36
37
35
39
18
40
6
5
4
3
17
16
15
11
12
13
2
1
NOTES:
1) SEE FIGURE 9 FOR PROTECTION CIRCUIT
2) CONFIGURED FOR 0dB GAIN, 600
Ω ZIN AND BALANCE
3) K1, E/M 2 FORM C
K1
K1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com