Electronic Components Datasheet Search
  English  ▼

X  

MH88632 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MH88632
Description  Central Office Interface Circuit Preliminary Information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88632 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MH88632 Datasheet HTML 3Page - Mitel Networks Corporation MH88632 Datasheet HTML 4Page - Mitel Networks Corporation MH88632 Datasheet HTML 5Page - Mitel Networks Corporation MH88632 Datasheet HTML 6Page - Mitel Networks Corporation MH88632 Datasheet HTML 7Page - Mitel Networks Corporation MH88632 Datasheet HTML 8Page - Mitel Networks Corporation MH88632 Datasheet HTML 9Page - Mitel Networks Corporation MH88632 Datasheet HTML 10Page - Mitel Networks Corporation MH88632 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
2-241
Preliminary Information
MH88632
Absolute Maximum Ratings*
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Recommended Operating Conditions
* Typical figures are at 25
° C with nominal + 5V supplies for design aid only.
DC Electrical Characteristics†
† DC Electrical Characteristics are over recommended operating conditions unless otherwise stated.
* Typical figures are at 25
°C with nominal +5V supplies and are for design aid only.
Loop Electrical Characteristics †
Parameter
Sym
Min
Max
Units
1
DC Supply Voltage
VDD
VEE
-0.3
0.3
7
-7
V
V
2
DC Ring Relay Voltage
VRLY
-0.3
20
V
3
Storage Temperature
TS
-55
+125
°C
Parameter
Sym
Typ*
Min
Max
Units
Comments
1
DC Supply Voltage
VDD
VEE
5.0
-5.0
4.75
-4.75
5.25
-5.25
V
V
2
DC Ring Relay Voltage
VVRLY
5.0
15
V
3
Operating Temperature
TOP
070
°C
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
Supply Current
IDD
IEE
13
13
mA
mA
2
Power Consumption
PC
137
mW
3
FL
RL
RG
TG
RV
Low Level Output Voltage
High Level Output Voltage
VOL
VOH
2.4
0.5
V
V
IOL = 4mA
IOH = 0.5mA
4
LRD
BRD
GRD
Sink Current, Relay to VDD
Clamp Diode Current
IOL
ICD
100
510
mA
mA
VOL = -.35V
5
NS
LRC
BRC
GRC
Low Level Input Voltage
High Level Input Voltage
VIL
VIH
2.0
0.8
V
V
6
High Level Input Current
Low Level Input Current
IIH
IIL
1
1
µA
µA
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
Ringing Voltage
VR
40
90
130
Vrms
2
Ringing Frequency
17
20
33
Hz
3
Ringer Equivalent Number
REN
3
(Type A)
4
Operating Loop Current
18
mA
5
Operating Loop Resistance
0
90
Ω
@18mA, -48V
6
Off-Hook DC Resistance
2300
Ω
7
Leakage Current
(Tip-Ring to AGND)
10
mA
@1000Vac
8FL Threshold
Tip-Ring Voltage Detect
Tip-Ring Current Detect
+30
+1.0
+40
+4.2
Vdc
Vdc
LRC-0V
LRC=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com