Electronic Components Datasheet Search
  English  ▼

X  

SM5844AF Datasheet(PDF) 25 Page - Nippon Precision Circuits Inc

Part # SM5844AF
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844AF Datasheet(HTML) 25 Page - Nippon Precision Circuits Inc

Back Button SM5844AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 25Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 26Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—25
APPLICATION NOTE
Delay in the slave mode
In the slave mode , the delay (tbdH2, tbdL2)of
DUOT from BCKO is MIN= 10ns, MAX= 100ns
which is ratter wide width.
As specified in AC Electrical Characteristics, and
BCKO is prohibited from inputting longer than
64fso.
When tbdH2, tbdL2 is maximum 100ns, ideal timing
may not be attained for the following devise,
depending on the OCLK cycle (example 1).
Please use considering the timing in the following
examples in the slave mode.
(example 1) OCLK= 39ns(fs= 99.84kHz), OCKSL= L(256fs), BCKO(64fso)= 156ns, OW20N= L, OW18N= H
(example 2) OCLK= 59ns(fs= 44.1kHz), OCKSL= H(384fs), BCKO(64fso)= 354ns, OW20N= L, OW18N= H
LRCO
DOUT
BCKO
(LSB)
100ns
100ns
156ns
L2
L1
LRCO
DOUT
BCKO
L2
L1
(LSB)
100ns
354ns
100ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com