Electronic Components Datasheet Search
  English  ▼

X  

SM5844AF Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5844AF
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844AF Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5844AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—4
PIN DESCRIPTION
Number 1
Name
I/O2
Description
1, 2
DI
Ip
Data input
3, 4
BCKI
Ip
Input bit clock
5
LRCI 3
Ip
Input word clock (fsi)
6
ICLK
I
Input system clock input
7
ICKSL
Ip
Input system clock (ICLK) select. 384fsi when HIGH, and 256fsi when LOW .
8, 9
IFM1
Ip
Input format select
10, 11
IFM2
Ip
12, 13
V D D
–
5 V supply pin
14, 15
DMUTE
Ip
Direct mute pin
1 6
MCOM
Ip
Interface switch control pin. M D T, MCK and MLEN control when HIGH. FSI1, FSI2 and DEEM
control when LOW .
17
MDT/FSI1
Ip
When MCOM is HIGH: Microcontroller interface
data input (MDT)
When MCOM is LOW : Deemphasis frequency
set pins
1 8
MCK/FSI2
Ip
When MCOM is HIGH: Microcontroller interface
bit clock (MCK)
19, 20
MLEN/DEEM
Ip
When MCOM is HIGH: Microcontroller data word latch clock (MLEN)
When MCOM is LOW : Deemphasis ON/OFF control (DEEM)
21, 22
O W18N
Ip
Output format select
When IISN = HIGH (nor mal mode)
When IISN = LOW (IIS mode)
23, 24
O W20N
Ip
25, 26
IISN
Ip
IIS output mode select. Nor mal mode when HIGH, and IIS mode when LOW .
2 7
S TAT E
O
Internal operation status output (for operation check)
2 8
TST1N
Ip
Output dither control. Dither ON when LOW , and OFF when HIGH.
2 9
TST2N
Ip
Test pin. Test mode when LOW . Nor mal operating mode when HIGH.
IFM1
IFM2
W ord length
Data sequence
Data position
L O W
L O W
16 bits
MSB first
Rear packe d
L O W
HIGH
20 bits
HIGH
L O W
Front packe d
HIGH
HIGH
LSB first
Rear packe d
FSI1
FSI2
fsi
L O W
HIGH
48.0 kHz
×
L O W
44.1 kHz
HIGH
HIGH
32.0 kHz
O W20N
O W18N
W ord length
Data position
LO W
L O W
20 bits
Front packe d
L O W
HIGH
Rear packe d
HIGH
L O W
18 bits
HIGH
HIGH
16 bits
O W20N
O W18N
W ord length
Data position
LO W
L O W
20 bits
IIS mode
Front packe d
L O W
HIGH
HIGH
L O W
18 bits
HIGH
HIGH
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com