Electronic Components Datasheet Search
  English  ▼

X  

SM5844AF Datasheet(PDF) 18 Page - Nippon Precision Circuits Inc

Part # SM5844AF
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844AF Datasheet(HTML) 18 Page - Nippon Precision Circuits Inc

Back Button SM5844AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 22Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—18
System Clock
Input system clock (ICLK, ICKSL)
The input system clock can be set to run at either
256fsi or 384fsi, where fsi is the input frequency on
LRCI.
Note that ICLK and LRCI should be divided from a
common
clock
source
or
PLL
to
maintain
synchronism.
Output system clock (OCLK, OCKSL)
The output system clock can be set to run at either
256fso or 384fso, where fso is the input frequency on
LRCO. In through mode, OCLK and OCKSL have
no function and are not used.
Note that in slave mode, a suitable clock must be
input on OCLK. The clock on OCLK should ideally
have a protection circuit to prevent incorrect
operation for times when the clock on ICLK is
halted.
Output data interface and output clock selection (LRCO, BCKO, DOUT, SLAVE)
System Reset (RSTN)
At power-ON, all device functions must be reset. The
device is reset by applying a LOW-level pulse on
RSTN. At system reset, the internal arithmetic
operation, output timing counter and internal flag
register operation are synchronized on the next LRCI
rising edge. Note that all flags are set to their defaults
(all LOW).
A power-ON reset signal can be applied from an
external microcontroller. For systems where ICLK
and LRCI are stable at power ON, initialization can
be performed by connecting a 0.001 µF capacitor
between RSTN and VSS. Otherwise, a capacitor
value should be chosen such that RSTN does not go
HIGH until after LRCI and ICLK have stabilized.
Through Mode (THRUN)
Table 9. ICLK system clock
ICKSL
ICLK system clock rate
HIGH
384fsi
L O W
256fsi
Table 10. OCLK system clock
S L AV E
OCKSL
OCLK system clock rate
LO W
HIGH
384fso
L O W
256fso
HIGH
×
Not used
Table 11. Output mode description
T H R U N
SLAVE
Function
Mode
Description
LRCO , B C K O state
HIGH
L O W
Master mode
Output word clock (LRCO) and output bit clock
( B C KO) are divided from OCLK.
Outputs
HIGH
Slave mode
Output word clock (LRCO) and output bit clock
(BCKO) are supplied externally.
Inputs1
1. The number of BCKO input clock cycles should not exceed 64 per word. Correct operation is not guaranteed beyond these limits.
LO W
×
Through mode
Output word clock (LRCO), output bit clock
(BCKO) and output data (DOUT) are the
same as LRCI, BCKI and DI, respectively.
Outputs
Table 12. THRUN operation
T H R U N
Mode
Description
L O W
Through mode
Direct connections are made: LRCI
to LRCO, BCKI to BCKO , and DI to
DOUT.
HIGH
N o r mal mode
Sample rate conver ter operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com