Electronic Components Datasheet Search
  English  ▼

X  

SM5844AF Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5844AF
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5844AF Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5844AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5844AF Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SM5844AF
NIPPON PRECISION CIRCUITS—6
DC Electrical Characteristics
VDD = 4.75 to 5.5 V, VSS = 0 V, Ta = −20 to 70 °C
AC Electrical Characteristics
VDD = 4.75 to 5.5 V, VSS = 0 V, Ta = −20 to 70 °C
ICLK input
OCLK input
ICLK and OCLK timing
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption
IDD
V DD = 5.0 V
1
––
8 0
m A
HIGH-level input voltage2,3
V IH
0.7VDD
––
V
L O W -level input voltage2,3
V IL
–
–
0.3VDD
V
A C-coupled input voltage2
VACI
0.3VDD
––
V p-p
HIGH-level output voltage4
V OH
IOH = −1.0 mA
V DD − 0.5
–
–
V
L O W -level output voltage4
V OL
IOL = 1.0 mA
–
–
0.4
V
HIGH-level input current2
IIH
V IN = V DD
–1 0
2 0
µ A
L O W -level input current2,3
IIL
V IN = 0 V
–
1 0
2 0
µ A
Input leakage current3
ILH
V IN = V DD
–
–
1.0
µ A
Pull-up resistance3
R IH
250
500
1000
k
Ω
1. ICKSL = LOW , OCKSL = LOW , fICLK = 13.0 MHz, fOCLK = 13.0 MHz, no output load
2. Pins ICLK and OCLK.
3. Pins DI, BCKI, LRCI, ICKSL, IFM1, IFM2, DMUTE, MCOM, MDT/FSI1, MCK/FSI2, MLEN/DEEM, OW18N, OW20N, IISN, TST1N, TST2N, RSTN,
T H R UN, OCKSL and SLAV E .
4. Pins DOUT, BCKO , LRCO and STATE.
P arameter
Symbol
Condition
Rating
Unit
ICKSL
System clock
m i n
typ
m a x
L O W -level clock
pulsewidth
tCWL
L O W
256fsi
3 0
–
–
ns
HIGH
384fsi
1 0
–
–
HIGH-level clock
pulsewidth
tCWH
L O W
256fsi
3 0
–
–
ns
HIGH
384fsi
1 0
–
–
Clock pulse cycle
tCY
L O W
256fsi
8 0
–
1 6 2
ns
HIGH
384fsi
4 7
–
1 0 6
P arameter
Symbol
Condition
Rating
Unit
OCKSL
System clock
m i n
typ
m a x
L O W -level clock
pulsewidth
tCWL
L O W
256fso
1 5
–
–
ns
HIGH
384fso
1 0
–
–
HIGH-level clock
pulsewidth
tCWH
L O W
256fso
1 5
–
–
ns
HIGH
384fso
1 0
–
–
Clock pulse cycle
tCY
L O W
256fso
3 9
–
2 0 0
ns
HIGH
384fso
2 6
–
1 3 0
tCWH
tCWL
tCY
0.5VDD
>0.7VDD
<0.3VDD
ICLK
OCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com