Electronic Components Datasheet Search
  English  ▼

X  

ACE721E Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE721E
Description  1A, 1.5MHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721E Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE721E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE721E
1A, 1.5MHz Step-Down Converter
VER 1.3
3
Block Diagram
Electrical Characteristics
VIN=VEN=5, TA=25℃
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage Range
2.6
6
V
Input UVLO
Rising, Hysteresis=90mV
2.31
2.31
2.45
V
Input Supply Current
VFB =0.65V
40
70
uA
Input Shutdown Current
1
uA
FB Feedback
Voltage
VIN =2.5 to 5V
0.588
0.6
0.612
V
FB Input Current
0.01
uA
Output Voltage Range
0.6
VIN
V
Load Regulation
VOUT =1.8V, IOUT From 0.2A to 0.4A
0.1
%
Line Regulation
VIN =2.7 to 5.5V
0.2
%V
Switching Frequency
1.5
MHz
NMOS Switch On Resistance
ISW =200mA
200
mΩ
PMOS Switch On Resistance
ISW =200mA
280
mΩ
PMOS Switch Current Limit
1.5
A
SW Leakage
Current
VIN=5.5V,VSW=0 or 5.5V,EN= GND
10
uA
EN Input Current
1
uA
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com