Electronic Components Datasheet Search
  English  ▼

X  

ACE721E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE721E
Description  1A, 1.5MHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE721E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE721E
1A, 1.5MHz Step-Down Converter
VER 1.3
1
Description
The ACE721E is a high-efficiency, DC-to-DC step-down switching regulator, capable of delivering up to
1A of output current. The devices operate from an input voltage range of 2.6V to 5.5V and provide output
voltages from 0.6V to VIN, making the ACE721E ideal for low voltage power conversions.
Running at a
fixed frequency of 1.5MHz allows the use of small inductance value and low DCR inductors, thereby
achieving higher efficiencies. Other external components, such as ceramic input and output caps, can
also be small due to higher switching frequency, while maintaining exceptional low noise output voltages.
Built-in EMI reduction circuitry makes this converter ideal power supply for RF applications. Internal
soft-start control circuitry reduces inrush current. Short-circuit and thermal-overload protection improves
design reliability.
Features
• Up to 96% Efficiency
• Up to 1A Max Output Current
• 1.5MHz Frequency
• Light Load operation
• Internal Compensation and Soft-Start
• Tiny SOT-23-5 DFN2x2-6 Package
Application
• MIDs, Tablet PC
• Set Top Boxes
• USB ports/Hubs
• Hot Swaps
• Cellphones
• Blue tooth.
Absolute Maximum Rating
Parameter
Value
IN, SW, FB, EN Voltage
-0.3V~6.5V
SW to ground current
Internally limited
Maximum Power Dissipation
400mW
Operating Temperature Range
-40°C~85°C
Storage Temperature Range
-55°C~150°C
Thermal Resistance
SOT23-5
400mW
DFN2x2x6L
606mW
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE721E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7212YGMH ACE-ACE7212YGMH Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE721E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com