Electronic Components Datasheet Search
  English  ▼

X  

ACE721E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE721E
Description  1A, 1.5MHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE721E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE721E
1A, 1.5MHz Step-Down Converter
VER 1.3
4
Typical Characteristics
(Typical values are at TA=25°C unless otherwise specified)
IOUT (A)
IOUT (A)
IOUT (A)
Load Transient Response
VOUT VS IOUT
VOUT Vs VIN
VIN=3.6V,VOUT=1.2V,IOUT=0.2A to 1A
IOUT(mA)
VIN(V)
Load Transient Response
Load Transient Response
Heavy Load Switching Waveform
VIN=3.6V, VOUT=1.8V, IOUT=0.2A to 1A
VIN=5V, VOUT=3.3V, IOUT=0.5A to 1A
VIN=3.6V, VOUT=1.8V, IOUT=0.5A
Efficiency Vs IOUT
Efficiency Vs IOUT
Efficiency Vs IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com