Electronic Components Datasheet Search
  English  ▼

X  

ACE721E Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE721E
Description  1A, 1.5MHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721E Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE721E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE721E Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACE721E
1A, 1.5MHz Step-Down Converter
VER 1.3
6
FUNCTION DESCRIPTION
The ACE721E high efficiency switching regulator is a small, simple, DC-to-DC step-down converter
capable of delivering up to 1A of output current. The device operates in pulse-width modulation (PWM) at
1.5MHz from a 2.6V to 5.5V input voltage and provides an output voltage from 0.6V to VIN, making the
ACE721E ideal for on-board post-regulation applications. An internal synchronous rectifier improves
efficiency and eliminates the typical Schottky free-wheeling diode. Using the on resistance of the internal
high-side MOSFET to sense switching currents eliminates current-sense resistors, further improving
efficiency and cost.
Loop Operation
ACE721E uses a PWM current-mode control scheme. An open-loop comparator compares the
integrated voltage-feedback signal against the sum of the amplified current-sense signal and the slope
compensation ramp. At each rising edge of the internal clock, the internal high-side MOSFET turns on
until the PWM comparator terminates the on cycle. During this on -time, current ramps up through the
inductor, sourcing current to the output and storing energy in the inductor. The current mode feedback
system regulates the peak inductor current as a function of the output voltage error signal. During the off
cycle, the internal high –side P-channel MOSFET turns off, and the internal low-side N-channel MOSFET
turns on. The inductor releases the stored energy as its current ramps down while still providing current to
the output.
Current Sense
An internal current-sense amplifier senses the current through the high-side MOSFET during on time
and produces a proportional current signal, which is used to sum with the slope compensation signal. The
summed signal then is compared with the error amplifier output by the PWM comparator to terminate the
on cycle.
Current Limit
There is a cycle-by-cycle current limit on the high-side MOSFET. When the current flowing out of SW
exceeds this limit, the high-side MOSFET turns off and the synchronous rectifier turns on. ACE721E
utilizes a frequency fold-back mode to prevent overheating during short-circuit output conditions. The
device enters frequency fold-back mode when the FB voltage drops below 200mV, limiting the current to
IPEAK and reducing power dissipation. Normal operation resumes upon removal of the short-circuit
condition.
Soft-start
ACE721E has an internal soft-start circuitry to reduce supply inrush current during startup conditions.
When the device exits under-voltage lockout (UVLO), shutdown mode, or restarts following a
thermal-overload event, the l soft-start circuitry slowly ramps up current available at SW.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com