Electronic Components Datasheet Search
  English  ▼

X  

ACE721G Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE721G
Description  5V 1A, 1.5MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721G Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE721G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE721G
5V 1A, 1.5MHz
Synchronous Buck Converter
VER 1.1
2
Absolute Maximum Rating
Parameter
Value
Max Input Voltage
6V
Max Operating Junction Temperature(Tj)
125°C
Ambient Temperature(Ta)
-40°C~+85°C
Maximum Power Dissipation
SOT-23-5
400mW
Storage Temperature(Ts)
-40°C~150°C
Lead Temperature & Time
260°C 10S
TAPE & REEL
3000/REEL
Note1: Absolute Maximum Ratings are threshold limit values that must not be exceeded even for an instant under any
condition. Moreover, such values for any two items must not be reached simultaneously. Operation above these absolute
maximum ratings may cause degradation or permanent damage to the device. These are stress ratings only and do not
necessarily imply functional operation below these limits.
Typical Application
Vin 2.5V to 5.5V
IN
Vout 1.8V/1A
10uF
SW
2.2uH
R1 240K
FB
22uF
GND
R2 120K
SYMBOL
DESCRIPTTION
Value
Unit
VIN
VIN Supply Voltage
2.5 to 5.5
V
TOPT
Operating Temperature
-40 to +85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com