Electronic Components Datasheet Search
  English  ▼

X  

ACE721G Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE721G
Description  5V 1A, 1.5MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721G Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE721G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACE721G
5V 1A, 1.5MHz
Synchronous Buck Converter
VER 1.1
4
Electrical Characteristics
VDD=5, TA=25℃
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Input Voltage Range
2.5
5.5
V
Vref
Feedback Voltage
0.585
0.6
0.615
V
Ifb
Feedback
Leakage
current
0.1
0.4
uA
Iq
Quiescent Current
Active, Vfb=0.65V, No Switching
70
uA
Shutdown
1
uA
Fsoc
Switching Frequency
1.5
MHz
RdsonP
PMOS Rdson
300
RdsonN
NMOS Rdson
150
Ilimit
Peak Current Limit
1.2
A
Iswlk
SW Leakage Current
Vout=5.5V, VSW=0 or 5.5V,
EN=0V
10
uA
Ienlk
EN Leakage Current
1
uA
Vh_en
EN Input High Voltage
1.5
V
Vl_en
EN Input Low Voltage
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com