Electronic Components Datasheet Search
  English  ▼

X  

ACE721G Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE721G
Description  5V 1A, 1.5MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721G Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE721G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACE721G
5V 1A, 1.5MHz
Synchronous Buck Converter
VER 1.1
3
Packaging Type
SOT-23-5
Ordering information
ACE721G XX + H
SIMPLIFIED BLOCK DIAGRAM
SOT-23-5
Description
Function
1
EN
Enable pin for the IC. Drive the pin to high to enable the part and low to disable
2
GND
Ground
3
SW
Inductor connection. Connect an inductor between SW and The regulator output
4
VIN
Supply voltage
5
FB
Feedback input. Connect and external resistor divider from the output to FB and
GND to set the output to a voltage between 0.6V and Vin
Halogen - free
BN : SOT-23-5
Pb - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com