Electronic Components Datasheet Search
  English  ▼

X  

ACE721G Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE721G
Description  5V 1A, 1.5MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721G Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE721G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE721G
5V 1A, 1.5MHz
Synchronous Buck Converter
VER 1.1
1
Description
The ACE721G Series is a high-efficiency, DC-to-DC step-down switching regulators, capable of
delivering up to 1A of output current. The device operates from an input voltage range of 2.5V to 5.5V and
provides an output voltage from 0.6V to VIN, making the ACE721G Series ideal for low voltage power
conversions. Running at a fixed frequency of 1.5MHz allows the use of small external components, such
as ceramic input and output caps, as well as small inductors, while still providing low output ripples. This
low noise output along with its excellent efficiency achieved by the internal synchronous rectifier, making
ACE721G Series an ideal green replacement for large power consuming linear regulators. Internal
soft-start control circuitry reduces inrush current. Short-circuit and thermal-overload protection improves
design reliability. The ACE721G Series is available in a SOT23-5 Package.
Features
• High Efficiency: Up to 97%
• Capable of Delivering 1A
• 1.5MHz Switching Frequency
• No External Schottky Diode Needed
• Internal Compensation and Soft-Start
• Current Mode control
• 0.6V Reference for Low Output voltages
• Logic Control Shutdown (IQ<1uA)
• Thermal shutdown and UVLO
• Available in SOT23-5
Application
• Cellular phones
• Digital Cameras
• MP3 and MP4 players
• Set top boxes
• Wireless and DSL Modems
• USB supplied Devices in Notebooks
• Portable Devices.


Similar Part No. - ACE721G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7212YGMH ACE-ACE7212YGMH Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE721G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410 Datasheet
322Kb / 7P
1A / 1.5MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL9315 BELLING-BL9315 Datasheet
358Kb / 7P
5V 3.0A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com