Electronic Components Datasheet Search
  English  ▼

X  

MT88L89AS Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT88L89AS
Description  3V Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88L89AS Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT88L89AS Datasheet HTML 5Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 6Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 7Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 8Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 9Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 10Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 11Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 12Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Advance Information
MT88L89
4-133
(DS). When DS is low, Motorola processor operation
is selected.
Figure 17 shows the timing diagram for the Motorola
MC68HC11 (1 MHz) microcontroller. The chip select
(CS) input is formed by NANDing address strobe
(AS)
and
address
decode
output.
Again,
the
MT88L89 examines the state of DS on the falling
edge of CS to determine if the micro has a Motorola
bus (when DS is low). Additionally, the Texas
Instruments TMS370CX5X is qualified to have a
Motorola
interface.
Figure
12(a)
summarizes
connection of these Motorola processors to the
MT88L89 DTMF transceiver.
Figures 18 and 19 are the timing diagrams for the
Intel 8031/8051 (12 MHz) and 8085 (5 MHz) micro-
controllers with multiplexed address and data buses.
The MT88L89 latches in the state of RD on the
falling edge of CS. When RD is high, Intel processor
operation is selected.
By NANDing the address
latch enable (ALE) output with the high-byte address
(P2) decode output, CS can be generated.
Figure
12(b) summarizes the connection of these Intel
processors to the MT88L89 transceiver.
NOTE: The adaptive micro interface relies on high-
to-low
transition
on
CS
to
recognize
the
microcontroller interface and this pin must not be tied
permanently low.
The adaptive micro interface provides access to five
internal registers. The
read-only
Receive
Data
Register contains the decoded output of the last
valid DTMF digit received. Data entered into the
write-only Transmit Data Register will determine
which tone pair is to be generated (see Table 1 for
coding details). Transceiver control is accomplished
with two control registers (see Tables 6 and 7), CRA
and CRB, which have the same address. A write
operation to CRB is executed by first setting the
most significant bit (b3) in CRA. The following write
operation to the same address will then be directed
to CRB, and subsequent write cycles will be directed
back to CRA. The read-only status register indicates
the current transceiver state (see Table 8).
A software reset must be included at the beginning
of all programs to initialize the control registers upon
power-up or power reset (see Figure 14). Refer to
Tables 4-7 for bit descriptions of the two control
registers.
The multiplexed IRQ/CP pin can be programmed to
generate an interrupt upon validation of DTMF
signals or when the transmitter is ready for more
data (burst mode only). Alternatively, this pin can be
configured to provide a square-wave output of the
call progress signal. The IRQ/CP pin is an open drain
output and requires an external pull-up resistor (see
Figure 13).
Figure 12 a) & b) - MT88L89 Interface Connections for Various Intel and Motorola Micros
MC6800/6802
MT88L89
MT88L89
A0-A15
VMA
D0-D3
RW
MC68HC11
MC6809
MT88L89
8031/8051
8080/8085
Φ2
CS
RS0
D0-D3
R/W/WR
DS/RD
A8-A15
AS
AD0-AD3
RW
CS
RS0
D0-D3
R/W/WR
DS/RD
DS
A0-A15
Q
E
D0-D3
R/W
CS
RS0
D0-D3
R/W/WR
DS/RD
A8-A15
ALE
P0
RD
WR
CS
D0-D3
RS0
DS/RD
R/W/WR
(a)
(b)
MT88L89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com