Electronic Components Datasheet Search
  English  ▼

X  

MT88L89AS Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT88L89AS
Description  3V Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88L89AS Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT88L89AS Datasheet HTML 3Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 4Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 5Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 6Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 7Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 8Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 9Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 10Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Advance Information
MT88L89
4-131
Figure 10 - Spectrum Plot
Scaling Information
10 dB/Div
Start Frequency = 0 Hz
Stop Frequency = 3400 Hz
Marker Frequency = 697 Hz and
1209 Hz
The period of each tone consists of 32 equal time
segments. The period of a tone is controlled by
varying the length of these time segments. During
write operations to the Transmit Data Register the 4
bit data on the bus is latched and converted to 2 of 8
coding for use by the programmable divider circuitry.
This code is used to specify a time segment length,
which will ultimately determine the frequency of the
tone. When the divider reaches the appropriate
count, as determined by the input code, a reset pulse
is issued and the counter starts again. The number
of time segments is fixed at 32, however, by varying
the
segment
length
as
described
above
the
frequency can also be varied. The divider output
clocks
another
counter,
which
addresses
the
sinewave lookup ROM.
The lookup table contains codes which are used by
the switched capacitor D/A converter to obtain
discrete and highly accurate DC voltage levels. Two
identical circuits are employed to produce row
and
column tones, which are then mixed using a low
noise summing amplifier. The oscillator described
needs
no
“start-up”
time
as
in
other
DTMF
generators since the crystal oscillator is running
continuously thus providing a high degree of tone
burst
accuracy.
A
bandwidth
limiting
filter
is
incorporated and serves to attenuate distortion
products above 8 kHz. It can be seen from Figure 6
that the distortion products are very low in amplitude.
Burst Mode
In certain telephony applications it is required that
DTMF signals being generated are of a specific
duration
determined
either
by
the
particular
application or by any one of the exchange transmitter
specifications currently existing. Standard DTMF
signal timing can be accomplished by making use of
the Burst Mode. The transmitter is capable of issuing
symmetric bursts/pauses of predetermined duration.
This burst/pause duration is 51 ms±1 ms which is a
standard interval for autodialer and central office
applications. After the burst/pause has been issued,
the appropriate bit is set in the Status Register
indicating that the transmitter is ready for more data.
The timing described above is available when DTMF
mode has been selected. However, when CP mode
(Call Progress mode) is selected, the burst/pause
duration is doubled to 102 ms ±2 ms. Note that when
CP mode and Burst mode have been selected,
DTMF tones may be transmitted only and
not
received. In applications where a non-standard
burst/pause time is desirable, a software timing loop
or external timer can be used to provide the timing
pulses when the burst mode is disabled by enabling
and disabling the transmitter.
Single Tone Generation
A single tone mode is available whereby individual
tones from the low group or high group can be
generated. This mode can be used for DTMF test
equipment
applications,
acknowledgment
tone
generation and distortion measurements. Refer to
Control Register B description for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com