Electronic Components Datasheet Search
  English  ▼

X  

MT88L89AS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT88L89AS
Description  3V Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88L89AS Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT88L89AS Datasheet HTML 2Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 3Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 4Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 5Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 6Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 7Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 8Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 9Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MT88L89
Advance Information
4-130
Figure 9 - Description of Timing Events
EXPLANATION OF EVENTS
A)
TONE BURSTS DETECTED, TONE DURATION INVALID, RX DATA REGISTER NOT UPDATED.
B)
TONE #n DETECTED, TONE DURATION VALID, TONE DECODED AND LATCHED IN RX DATA REGISTER.
C)
END OF TONE #n DETECTED, TONE ABSENT DURATION VALID, INFORMATION IN RX DATA REGISTER
RETAINED UNTIL NEXT VALID TONE PAIR.
D)
TONE #n+1 DETECTED, TONE DURATION VALID, TONE DECODED AND LATCHED IN RX DATA REGISTER.
E)
ACCEPTABLE DROPOUT OF TONE #n+1, TONE ABSENT DURATION INVALID, DATA REMAINS UNCHANGED.
F)
END OF TONE #n+1 DETECTED, TONE ABSENT DURATION VALID, INFORMATION IN RX DATA REGISTER
RETAINED UNTIL NEXT VALID TONE PAIR.
EXPLANATION OF SYMBOLS
Vin
DTMF COMPOSITE INPUT SIGNAL.
ESt
EARLY STEERING OUTPUT. INDICATES DETECTION OF VALID TONE FREQUENCIES.
St/GT
STEERING INPUT/GUARD TIME OUTPUT. DRIVES EXTERNAL RC TIMING CIRCUIT.
RX0-RX3
4-BIT DECODED DATA IN RECEIVE DATA REGISTER
b3
DELAYED STEERING. INDICATES THAT VALID FREQUENCIES HAVE BEEN PRESENT/ABSENT FOR THE
REQUIRED GUARD TIME THUS CONSTITUTING A VALID SIGNAL. ACTIVE LOW FOR THE DURATION OF A
VALID DTMF SIGNAL.
b2
INDICATES THAT VALID DATA IS IN THE RECEIVE DATA REGISTER. THE BIT IS CLEARED AFTER THE STATUS
REGISTER IS READ.
IRQ/CP
INTERRUPT IS ACTIVE INDICATING THAT NEW DATA IS IN THE RX DATA REGISTER. THE INTERRUPT IS
CLEARED AFTER THE STATUS REGISTER IS READ.
tREC
MAXIMUM DTMF SIGNAL DURATION NOT DETECTED AS VALID.
tREC
MINIMUM DTMF SIGNAL DURATION REQUIRED FOR VALID RECOGNITION.
tID
MINIMUM TIME BETWEEN VALID SEQUENTIAL DTMF SIGNALS.
tDO
MAXIMUM ALLOWABLE DROPOUT DURING VALID DTMF SIGNAL.
tDP
TIME TO DETECT VALID FREQUENCIES PRESENT.
tDA
TIME TO DETECT VALID FREQUENCIES ABSENT.
tGTP
GUARD TIME, TONE PRESENT.
tGTA
GUARD TIME, TONE ABSENT.
DTMF signals cannot be detected if CP mode has
been selected (see Table 7). Figure 8 indicates the
useful detect bandwidth of the call progress filter.
Frequencies presented to the input, which are within
the ‘accept’ bandwidth limits of the filter, are hard-
limited by a high gain comparator with the IRQ/CP
pin serving as the output. The squarewave output
obtained from the schmitt trigger can be analyzed by
a
microprocessor
or
counter
arrangement
to
determine the nature of the call progress tone being
detected. Frequencies which are in the ‘reject’ area
will not be detected and consequently the IRQ/CP
pin will remain low.
DTMF Generator
The DTMF transmitter employed in the MT88L89 is
capable of generating all sixteen standard DTMF
tone pairs with low distortion and high accuracy. All
frequencies are derived from an external 3.579545
MHz crystal. The sinusoidal waveforms for the
individual tones are digitally synthesized using row
and column programmable dividers and switched
capacitor D/A converters. The row and column tones
are mixed and filtered providing a DTMF signal with
low total harmonic distortion and high accuracy. To
specify a DTMF signal, data conforming to the
encoding format shown in Table 1 must be written to
the transmit Data Register.
Note that this is the
same as the receiver output code. The individual
tones which are generated (fLOW and fHIGH) are
referred to as Low Group and High Group tones. As
seen from the table, the low group frequencies are
697,
770, 852 and 941 Hz.
The high group
frequencies are 1209, 1336, 1477 and 1633 Hz.
Typically, the high group to low group amplitude ratio
(twist) is 2 dB to com-pensate for high group
attenuation on long loops.
Figure 8 - Call Progress Response
LEVEL
(dBm)
FREQUENCY (Hz)
-25
0250
500
750
= Reject
= May Accept
= Accept



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com