Electronic Components Datasheet Search
  English  ▼

X  

MT88L89AS Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT88L89AS
Description  3V Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88L89AS Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT88L89AS Datasheet HTML 1Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 2Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 3Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 4Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 5Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 6Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 7Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 8Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MT88L89
4-128
0= LOGIC LOW, 1= LOGIC HIGH
Table 1. Functional Encode/Decode Table
Following the filter section is a decoder employing
digital
counting
techniques
to
determine
the
frequencies of the incoming tones and to verify that
they correspond to standard DTMF frequencies. A
complex averaging algorithm protects against tone
simulation by extraneous signals such as voice while
providing tolerance to small frequency deviations
and variations. This averaging algorithm has been
developed to ensure an optimum combination of
immunity to talk-off and tolerance to the presence of
interfering frequencies (third tones) and noise. When
the detector recognizes the presence of two valid
tones (this is referred to as the “signal condition” in
some industry specifications) the “Early Steering”
(ESt)
output
will
go
to
an
active
state.
Any
subsequent loss of signal condition will cause ESt to
assume an inactive state.
Steering Circuit
Before registration of a decoded tone pair, the
receiver checks for a valid signal duration (referred
to as character recognition condition). This check is
performed by an external RC time constant driven by
ESt. A logic high on ESt causes vc (see Figure 5) to
rise as the capacitor discharges. Provided that the
signal condition is maintained (ESt remains high) for
the validation period (tGTP), vc reaches the threshold
FLOW
FHIGH
DIGIT
D3
D2
D1
D0
697
1209
1
00
01
697
1336
2
00
10
697
1477
3
00
11
770
1209
4
01
00
770
1336
5
01
01
770
1477
6
01
10
852
1209
7
01
11
852
1336
8
10
00
852
1477
9
10
01
941
1336
0
10
10
941
1209
*
10
11
941
1477
#
11
00
697
1633
A
11
01
770
1633
B
11
10
852
1633
C
11
11
941
1633
D
00
00
(VTSt) of the steering logic to register the tone pair,
latching 62its corresponding 4-bit code (see Table 1)
into the Receive Data Register. At this point the GT
output is activated and drives vc to VDD. GT
continues to drive high as long as ESt remains high.
Finally, after a short delay to allow the output latch to
settle, the delayed steering output flag goes high,
signalling that a received tone pair has been
registered. The status of the delayed steering flag
can be monitored by checking the appropriate bit in
the status register. If Interrupt mode has been
selected, the IRQ/CP pin will pull
low when
the
delayed steering flag is active.
The contents of the output latch are updated on an
active delayed steering transition. This data is
presented to the four bit bidirectional data bus when
the Receive Data Register is read. The steering
circuit works in reverse to validate the interdigit
pause between signals. Thus, as well as rejecting
signals too short to be considered valid, the receiver
will tolerate signal interruptions (drop out) too short
to be considered a valid pause. This facility, together
with the capability of selecting the steering time
constants externally, allows the designer to tailor
performance to meet a wide variety of system
requirements.
Figure 5 - Basic Steering Circuit
Guard Time Adjustment
The simple steering circuit shown in Figure 5 is
adequate for most applications. Component values
are chosen according to the following inequalities
(see Figure 7):
tREC ≥ tDPmax + tGTPmax - tDAmin
tREC ≤ tDPmin + tGTPmin - tDAmax
tID ≥ tDAmax + tGTAmax - tDPmin
tDO ≤ tDAmin + tGTAmin - tDPmax
The value of tDP is a device parameter (see AC
Electrical Characteristics) and tREC is the minimum
VDD
VDD
St/GT
ESt
C1
Vc
R1
MT88L89
tGTA = (R1C1) In (VDD / VTSt)
tGTP = (R1C1) In [VDD / (VDD-VTSt)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com